| Electronic Components Datasheet Search |
|
DS2155 Datasheet(PDF) 25 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2155 Datasheet(HTML) 25 Page - Dallas Semiconductor |
|
25 / 262 page ![]() DS2156 25 of 262 3.2 UTOPIA Bus 3.2.1 Receive Side Signal Name: UR-ADDR0 to UR-ADDR4 Signal Description: Receive UTOPIA Address Signal Type: Input 5-bit UTOPIA address bus driven from ATM layer to select the appropriate UTOPIA port. RX_UTOP_ADDR4 is the MSB; RX_UTOP_ADDR0 is the LSB. Signal Name: UR-ENB Signal Description: Receive UTOPIA Enable Signal Type: Input Active-low signal asserted by the ATM layer to indicate that UR-DATAx and UR-SOC are sampled at the end of the next cycle. Signal Name: UR-SOC Signal Description: Receive UTOPIA Start of Cell Signal Type: Output Active-high signal asserted by the DS2156 when UR-DATAx contains the first valid byte of a cell and is enabled only in cycles following those with UR-ENB asserted and cell transfer is in progress. Signal Name: UR-DATA0 to UR-DATA7 Signal Description: Receive UTOPIA Data Bus Signal Type: Output This byte-wide data bus is driven by the DS2156 in response to the selection of one of the UTOPIA ports by the ATM layer for cell transfer. This bus is tri-statable and is enabled only in cycles following those with UR-ENB asserted and cell transfer is in progress for a port. UR-DATA7 is the MSB; UR-DATA0 is the LSB. Signal Name: UR-CLAV Signal Description: Receive UTOPIA Cell Available Signal Type: Output The active-high UR-CLAV signal is asserted if a complete cell is available for transfer to the ATM layer for the polled port. If UR-ADDRx does not match with any one of UTOPIA port addresses, this signal is three-stated at the chip level using the control lines detailed below. UR-CLAV0 is driven in multiplexed bus with 1CLAV polling mode as well as direct status mode. Signal Name: UR-CLK Signal Description: Receive UTOPIA Clock Signal Type: Input Receive UTOPIA bus clock. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |