Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87310 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87310
Description  PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87310 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC87310 Datasheet HTML 20Page - National Semiconductor (TI) PC87310 Datasheet HTML 21Page - National Semiconductor (TI) PC87310 Datasheet HTML 22Page - National Semiconductor (TI) PC87310 Datasheet HTML 23Page - National Semiconductor (TI) PC87310 Datasheet HTML 24Page - National Semiconductor (TI) PC87310 Datasheet HTML 25Page - National Semiconductor (TI) PC87310 Datasheet HTML 26Page - National Semiconductor (TI) PC87310 Datasheet HTML 27Page - National Semiconductor (TI) PC87310 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
40 Functional Description (Continued)
either 4 MHz 48 MHz and 8 MHz to be input as the master
clock for the controller core If the Drive Type pin is high and
a 300 kbs data rate is chosen 48 MHz is used to generate
300 kbs but when the DRVTYP pin is low and 300 kbs is
selected 4 MHz is used and the actual data rate is
250 kbs See Table 4-12
Low Power Mode Logic
This logic is an enhancement
over the standard XT AT PS2 design In the Low Power
Mode the crystal oscillator the FDC both UARTs and all
linear circuitry are turned off The internal FDC circuitry is
disabled while the oscillator is off because the internal cir-
cuitry is driven from this clock The oscillator will turn back
on automatically after it detects a read or a write to the Main
Status or Data Registers It may take a few milli-seconds for
the oscillator to stabilize and the mP will be prevented from
trying to access the Data Register during this time through
the normal Main Status Register protocol (The Request for
Master bit in the Main Status Register will be inactive) Dur-
ing the oscillator stabilization period the software should poll
the Main Status Register until the Request for Master bit is
set The low power mode is programmed through the Mode
Command
The Data Rate Register and the Drive Control Register are
unaffected by the power down mode They will remain ac-
tive It is up to the user to ensure that the Motor and Drive
select signal are turned off The ESDI interface will be inac-
tive All of the registers will remain unchanged
The UART registers are unaffected by the power down
mode however their serial data sections will be inoperative
The parallel port address decoder and configuration regis-
ter are unaffected by the power down mode
Note
In addition to the manual low power mode an automatic low power
mode is incorporated on this part This automatic low power mode is
unsupported by NSC and we recommend that it not be used because
it may result in lost data during UART operation
TABLE 4-11 Truth Table for Drive Control Register
(Configuration Register Bit 7 e 0)
D7
D6
D5
D4
D1
D0
Function
X
X
X
1
0
0
Drive 0 Selected (DR0 e 0)
X
X1X0
1
Drive 1 Selected (DR1 e 0)
X
1
X
X
1
0
Not Available
1
X
X
X
1
1
Not Available
Crystal Oscillator
The FDC is clocked by a single 24 MHz
signal An on-chip oscillator is provided to enable the at-
tachment of a crystal or a clock If a crystal is used a
24 MHz fundamental mode parallel resonant crystal should
be used This crystal should be specified to have less than
50X series resistance and shunt capacitance of less than
7 pF
If an external oscillator circuit is used it must have a duty
cycle of 40 – 60% and minimum input levels of 24V and
04V The controller should be configured so that the clock
is input into the OSC2 pin and OSC1 is tied to ground
Crystal
SaRonix SRX 3164
TABLE 4-12 Summary of FDC Registers
Bits
76
5
4
3
2
1
0
Register
DCR (W)
MTR3
MTR2
MTR1
MTR0
DMA
Software
Drive
Drive
Enable
Enable
Enable
Enable
Enable
Reset
Select 1
Select 0
MSR (R)
Request
Expected
Non-DMA
Command
Drive 3
Drive 2
Drive 1
Drive 0
for
Data
Execution
in
Seeking
Seeking
Seeking
Seeking
Master
Direction
Progress
DR (RW)
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
DRR (W)
X
X
X
X
X
X
Data Rate
Data Rate
Bit 1
Bit 0
DKR (R)
DSKCHG
Z
Z
Z
Z
Z
Z
Z
Pin
Inverse
ST0
Data
Data
Seek
No
0
Head
DRV 1
DRV 0
IRQ6 Code
IRQ6 Code
End
Track 0
Addr
(Exec)
(Exec)
ST1
EOT Bit
0
CRC
Data
0
No
WRT
Missing
No TC
Error
Overrun
Data
PRT
Address
Mark
ST2
0
Control
CRC
WRG
Scan
Scan
Bad
Missing
Mark
Error in
Track
Equal
Not
Track
Address
Data Fld
Hit
Satisfied
Mark in
Data Fld
ST3
0
Write
1
Track 0
0
Head
DRV 1
DRV 0
Protect
Status
Select
(Exec)
(Exec)
Status
Status
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com