Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMK Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MMK
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MMK Datasheet HTML 1Page - List of Unclassifed Manufacturers MMK Datasheet HTML 2Page - List of Unclassifed Manufacturers MMK Datasheet HTML 3Page - List of Unclassifed Manufacturers MMK Datasheet HTML 4Page - List of Unclassifed Manufacturers MMK Datasheet HTML 5Page - List of Unclassifed Manufacturers MMK Datasheet HTML 6Page - List of Unclassifed Manufacturers MMK Datasheet HTML 7Page - List of Unclassifed Manufacturers MMK Datasheet HTML 8Page - List of Unclassifed Manufacturers MMK Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
28
MMK
RATED AC VOLTAGE VS. FREQUENCY
ENVIRONMENTAL TEST DATA
MARKING
• Capacitance
• Tolerance code
• Rated voltage
• Capacitor family code MMK
• Manufacturing date code
T = +40°C, RH = 93%, t = 56 days.
∆ C/C ≤ ±5%,
∆ tanδ ≤ 0.005 (1kHz),
IR after test 0.5 x IR min.
T = +100°C, U = 1.25 x (0.8 x U
R),
t = 2000 h.
∆ C/C ≤ ±5%,
∆ tanδ ≤ 0.005 (1kHz)
∆ tanδ ≤ 0.010 (100kHz)
IR after test 0.5 x IR min.
Damp heat test
Test conditions:
Test criteria:
Endurance test
Test conditions:
Test criteria:
ORDERING INFORMATION
See article table and pages 18 to 23 for
options and article code construction.
The standard quantity/reel is for 360 mm
reel. If 500 mm reel is required, it must be
specified when ordering and the quantity is
2 x the given quantity.
Ueff (V)
100
0.1
1.0
10
100
50
kHz
Ueff (V)
100
0.1
1.0
10
100
50
kHz
Ueff (V)
100
0.1
1.0
10
100 kHz
50
Ueff (V)
10
0.1
1.0
10
100 kHz
5
Urms (V)
100
0.1
1.0
10
100
50
kHz
Ueff (V)
6.8
µF
0.033
µF
0.1
µF
1 µF
10
50
0.1
1.0
10
100 kHz
5
33
µF
Ueff (V)
10
0.1
1.0
10
100 kHz
5
Ueff (V)
10
0.1
1.0
10
100 kHz
5
Ueff (V)
6.8
µF
0.033
µF
0.1
µF
1 µF
10
50
0.1
1.0
10
100 kHz
5
33
µF
MMK5
50/30
MMK5
63/40
MMK5
100/63
MMK7.5 ... 37.5
63/40
MMK7.5 ... 37.5
100/63
MMK7.5 ... 37.5
250/160
MMK7.5 ... 37.5
400/200
MMK7.5 ... 37.5
630/220
MMK7.5 ... 37.5
1000/250
U
rms (V)
))
U
rms (V)
))
U
rms (V)
))
U
rms (V)
))
U
rms (V)
))
U
rms (V)
))
U
rms (V)
))
U
rms (V)
))
U
rms (V)
))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com