Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMK Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MMK
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MMK Datasheet HTML 4Page - List of Unclassifed Manufacturers MMK Datasheet HTML 5Page - List of Unclassifed Manufacturers MMK Datasheet HTML 6Page - List of Unclassifed Manufacturers MMK Datasheet HTML 7Page - List of Unclassifed Manufacturers MMK Datasheet HTML 8Page - List of Unclassifed Manufacturers MMK Datasheet HTML 9Page - List of Unclassifed Manufacturers MMK Datasheet HTML 10Page - List of Unclassifed Manufacturers MMK Datasheet HTML 11Page - List of Unclassifed Manufacturers MMK Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
33
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
63 VDC/40 VAC
* Existing capacitance value in smaller dimensions or new capacitance value.
LEAD SPACING 10 MM
0.56 *
4.0
9.0
13.0
10.0
1000
900
8
MMK10 564K63A01L4 BULK
A03
0.68 *
4.0
9.0
13.0
10.0
1000
900
8
MMK10 684K63A01L4 BULK
A03
0.82 *
4.0
9.0
13.0
10.0
1000
900
8
MMK10 824K63A01L4 BULK
A03
1.0 *
4.5
10.5
13.0
10.0
1000
800
8
MMK10 105K63A02L4 BULK
A03
1.2 *
4.5
10.5
13.0
10.0
1000
800
8
MMK10 125K63A02L4 BULK
---
1.5 *
5.0
11.0
13.0
10.0
800
700
8
MMK10 155K63A03L4 BULK
---
1.8 *
6.0
12.0
13.0
10.0
600
500
8
MMK10 185K63A04L4 BULK
---
2.2 *
6.0
12.0
13.0
10.0
600
500
8
MMK10 225K63A04L4 BULK
---
LEAD SPACING 15 MM
0.68
5.5
10.5
18.0
15.0
1000
600
5
MMK15 684K63B04L4 BULK
0.82
5.5
10.5
18.0
15.0
1000
600
5
MMK15 824K63B04L4 BULK
1.0
5.5
10.5
18.0
15.0
1000
600
5
MMK15 105K63B04L4 BULK
1.2
5.5
10.5
18.0
15.0
1000
600
5
MMK15 125K63B04L4 BULK
1.5 *
5.5
10.5
18.0
15.0
1000
600
5
MMK15 155K63B04L4 BULK
B05
1.8 *
5.5
10.5
18.0
15.0
1000
600
5
MMK15 185K63B04L4 BULK
B10
2.0 *
5.5
12.5
18.0
15.0
1000
600
5
MMK15 205K63B05L4 BULK
B10
2.2 *
5.5
12.5
18.0
15.0
1000
600
5
MMK15 225K63B05L4 BULK
B06
2.7 *
6.5
12.5
18.0
15.0
1000
500
5
MMK15 275K63B10L4 BULK
B06
3.3 *
6.5
12.5
18.0
15.0
1000
500
5
MMK15 335K63B10L4 BULK
B06
3.9 *
7.5
14.5
18.0
15.0
800
400
5
MMK15 395K63B06L4 BULK
B12
4.7 *
7.5
14.5
18.0
15.0
800
400
5
MMK15 475K63B06L4 BULK
---
5.6 *
8.5
16.0
18.0
15.0
600
400
5
MMK15 565K63B11L4 BULK
---
6.8 *
9.5
17.5
18.0
15.0
500
350
5
MMK15 685K63B14L4 BULK
---
LEAD SPACING 22.5 MM
3.3
6.5
14.5
26.0
22.5
234
3
MMK22,5 335K63D13L4 TRAY
3.9
6.5
14.5
26.0
22.5
234
3
MMK22,5 395K63D13L4 TRAY
4.7 *
6.5
14.5
26.0
22.5
234
3
MMK22,5 475K63D13L4 TRAY
D17
5.6 *
7.0
16.5
26.0
22.5
216
3
MMK22,5 565K63D17L4 TRAY
D14
6.8 *
7.0
16.5
26.0
22.5
216
3
MMK22,5 685K63D17L4 TRAY
D15
8.2 *
8.0
16.0
26.0
22.5
186
3
MMK22,5 825K63D14L4 TRAY
D18
10 *
9.0
18.5
26.0
22.5
168
3
MMK22,5 106K63D15L4 TRAY
D18
12 *
10.5
19.0
26.0
22.5
264
3
MMK22,5 126K63D18L4 TRAY
D16
15 *
11.0
21.5
26.0
22.5
253
3
MMK22,5 156K63D16L4 TRAY
---
18 *
15.5
24.5
26.0
22.5
176
3
MMK22,5 186K63D19L4 TRAY
---
22 *
15.5
24.5
26.0
22.5
176
3
MMK22,5 226K63D19L4 TRAY
---
LEAD SPACING 27.5 MM
8.2
10.5
20.5
31.5
27.5
216
2
MMK27,5 825K63F11L4 TRAY
10
10.5
20.5
31.5
27.5
216
2
MMK27,5 106K63F11L4 TRAY
12
10.5
20.5
31.5
27.5
216
2
MMK27,5 126K63F11L4 TRAY
15
11.5
22.5
31.5
27.5
198
2
MMK27,5 156K63F12L4 TRAY
18
11.5
22.5
31.5
27.5
198
2
MMK27,5 186K63F12L4 TRAY
22
14.5
24.5
31.5
27.5
153
2
MMK27,5 226K63F13L4 TRAY
27
17.5
28.0
31.5
27.5
126
2
MMK27,5 276K63F14L4 TRAY
33
17.5
28.0
31.5
27.5
126
2
MMK27,5 336K63F14L4 TRAY
LEAD SPACING 37.5 MM
27
13.0
24.0
41.0
37.5
140
1
MMK37,5 276K63R05L4 TRAY
33
15.0
26.0
41.0
37.5
119
1
MMK37,5 336K63R04L4 TRAY
39
15.0
26.0
41.0
37.5
119
1
MMK37,5 396K63R04L4 TRAY
47
16.5
32.0
41.0
37.5
105
1
MMK37,5 476K63R02L4 TRAY
56
19.0
36.0
41.0
37.5
91
1
MMK37,5 566K63R03L4 TRAY
68
19.0
36.0
41.0
37.5
91
1
MMK37,5 686K63R03L4 TRAY
82
21.0
38.0
41.0
37.5
84
1
MMK37,5 826K63R06L4 TRAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com