Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMK Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MMK
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MMK Datasheet HTML 3Page - List of Unclassifed Manufacturers MMK Datasheet HTML 4Page - List of Unclassifed Manufacturers MMK Datasheet HTML 5Page - List of Unclassifed Manufacturers MMK Datasheet HTML 6Page - List of Unclassifed Manufacturers MMK Datasheet HTML 7Page - List of Unclassifed Manufacturers MMK Datasheet HTML 8Page - List of Unclassifed Manufacturers MMK Datasheet HTML 9Page - List of Unclassifed Manufacturers MMK Datasheet HTML 10Page - List of Unclassifed Manufacturers MMK Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
32
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
63 VDC/40 VAC
* Existing capacitance value in smaller dimensions or new capacitance value.
LEAD SPACING 7.5 MM
0.022
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 223K63K00L4 BULK
0.027
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 273K63K00L4 BULK
0.033
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 333K63K00L4 BULK
0.039
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 393K63K00L4 BULK
0.047
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 473K63K00L4 BULK
0.056
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 563K63K00L4 BULK
0.068
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 683K63K00L4 BULK
0.082
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 823K63K00L4 BULK
0.10
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 104K63K00L4 BULK
0.12
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 124K63K00L4 BULK
0.15
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 154K63K00L4 BULK
0.18 *
2.5
6.0
10.0
7.5
2000
2500
3000
10
MMK7,5 184K63K00L4 BULK
K01
0.22
4.0
8.0
10.5
7.5
1000
1700
1900
10
MMK7,5 224K63K01L4 BULK
0.27
4.0
8.0
10.5
7.5
1000
1700
1900
10
MMK7,5 274K63K01L4 BULK
0.33
4.0
8.0
10.5
7.5
1000
1700
1900
10
MMK7,5 334K63K01L4 BULK
0.39 *
4.0
8.0
10.5
7.5
1000
1700
1900
10
MMK7,5 394K63K01L4 BULK
K03
0.47 *
4.0
8.0
10.5
7.5
1000
1700
1900
10
MMK7,5 474K63K01L4 BULK
K03
0.56
5.0
11.0
10.5
7.5
1000
1300
1500
10
MMK7,5 564K63K03L4 BULK
0.68 *
5.0
11.0
10.5
7.5
1000
1300
1500
10
MMK7,5 684K63K03L4 BULK
K04
0.82 *
5.0
11.0
10.5
7.5
1000
1300
1500
10
MMK7,5 824K63K03L4 BULK
K04
1.0 *
5.0
11.0
10.5
7.5
1000
1300
1500
10
MMK7,5 105K63K03L4 BULK
K04
1.2
6.0
12.0
10.5
7.5
1000
1000
1200
10
MMK7,5 125K63K04L4 BULK
1.5
6.0
12.0
10.5
7.5
1000
1000
1200
10
MMK7,5 155K63K04L4 BULK
LEAD SPACING 10 MM
0.0010
4.0
9.0
13.0
10.0
1000
900
8
MMK10 102K63A01L4 BULK
0.0012
4.0
9.0
13.0
10.0
1000
900
8
MMK10 122K63A01L4 BULK
0.0015
4.0
9.0
13.0
10.0
1000
900
8
MMK10 152K63A01L4 BULK
0.0018
4.0
9.0
13.0
10.0
1000
900
8
MMK10 182K63A01L4 BULK
0.0022
4.0
9.0
13.0
10.0
1000
900
8
MMK10 222K63A01L4 BULK
0.0027
4.0
9.0
13.0
10.0
1000
900
8
MMK10 272K63A01L4 BULK
0.0033
4.0
9.0
13.0
10.0
1000
900
8
MMK10 332K63A01L4 BULK
0.0039
4.0
9.0
13.0
10.0
1000
900
8
MMK10 392K63A01L4 BULK
0.0047
4.0
9.0
13.0
10.0
1000
900
8
MMK10 472K63A01L4 BULK
0.0056
4.0
9.0
13.0
10.0
1000
900
8
MMK10 562K63A01L4 BULK
0.0068
4.0
9.0
13.0
10.0
1000
900
8
MMK10 682K63A01L4 BULK
0.0078
4.0
9.0
13.0
10.0
1000
900
8
MMK10 782K63A01L4 BULK
0.0082
4.0
9.0
13.0
10.0
1000
900
8
MMK10 822K63A01L4 BULK
0.010
4.0
9.0
13.0
10.0
1000
900
8
MMK10 103K63A01L4 BULK
0.012
4.0
9.0
13.0
10.0
1000
900
8
MMK10 123K63A01L4 BULK
0.015
4.0
9.0
13.0
10.0
1000
900
8
MMK10 153K63A01L4 BULK
0.018
4.0
9.0
13.0
10.0
1000
900
8
MMK10 183K63A01L4 BULK
0.022
4.0
9.0
13.0
10.0
1000
900
8
MMK10 223K63A01L4 BULK
0.027
4.0
9.0
13.0
10.0
1000
900
8
MMK10 273K63A01L4 BULK
0.033
4.0
9.0
13.0
10.0
1000
900
8
MMK10 333K63A01L4 BULK
0.039
4.0
9.0
13.0
10.0
1000
900
8
MMK10 393K63A01L4 BULK
0.047
4.0
9.0
13.0
10.0
1000
900
8
MMK10 473K63A01L4 BULK
0.056
4.0
9.0
13.0
10.0
1000
900
8
MMK10 563K63A01L4 BULK
0.068
4.0
9.0
13.0
10.0
1000
900
8
MMK10 683K63A01L4 BULK
0.082
4.0
9.0
13.0
10.0
1000
900
8
MMK10 823K63A01L4 BULK
0.10
4.0
9.0
13.0
10.0
1000
900
8
MMK10 104K63A01L4 BULK
0.12
4.0
9.0
13.0
10.0
1000
900
8
MMK10 124K63A01L4 BULK
0.15
4.0
9.0
13.0
10.0
1000
900
8
MMK10 154K63A01L4 BULK
0.18
4.0
9.0
13.0
10.0
1000
900
8
MMK10 184K63A01L4 BULK
0.22
4.0
9.0
13.0
10.0
1000
900
8
MMK10 224K63A01L4 BULK
0.27
4.0
9.0
13.0
10.0
1000
900
8
MMK10 274K63A01L4 BULK
0.33
4.0
9.0
13.0
10.0
1000
900
8
MMK10 334K63A01L4 BULK
0.39
4.0
9.0
13.0
10.0
1000
900
8
MMK10 394K63A01L4 BULK
0.47
4.0
9.0
13.0
10.0
1000
900
8
MMK10 474K63A01L4 BULK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com