Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMK Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MMK
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MMK Datasheet HTML 1Page - List of Unclassifed Manufacturers MMK Datasheet HTML 2Page - List of Unclassifed Manufacturers MMK Datasheet HTML 3Page - List of Unclassifed Manufacturers MMK Datasheet HTML 4Page - List of Unclassifed Manufacturers MMK Datasheet HTML 5Page - List of Unclassifed Manufacturers MMK Datasheet HTML 6Page - List of Unclassifed Manufacturers MMK Datasheet HTML 7Page - List of Unclassifed Manufacturers MMK Datasheet HTML 8Page - List of Unclassifed Manufacturers MMK Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
29
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
50 VDC/30 VAC
LEAD SPACING 5 MM
0.0010
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 102K50J01L4 BULK
0.0012
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 122K50J01L4 BULK
0.0015
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 152K50J01L4 BULK
0.0018
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 182K50J01L4 BULK
0.0022
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 222K50J01L4 BULK
0.0027
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 272K50J01L4 BULK
0.0033
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 332K50J01L4 BULK
0.0039
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 392K50J01L4 BULK
0.0047
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 472K50J01L4 BULK
0.0056
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 562K50J01L4 BULK
0.0068
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 682K50J01L4 BULK
0.0082
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 822K50J01L4 BULK
0.010
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 103K50J01L4 BULK
0.012
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 123K50J01L4 BULK
0.015
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 153K50J01L4 BULK
0.018
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 183K50J01L4 BULK
0.022
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 223K50J01L4 BULK
0.027
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 273K50J01L4 BULK
0.033
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 333K50J01L4 BULK
0.039
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 393K50J01L4 BULK
0.047
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 473K50J01L4 BULK
0.056
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 563K50J01L4 BULK
0.068
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 683K50J01L4 BULK
0.082
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 823K50J01L4 BULK
0.10
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 104K50J01L4 BULK
0.12
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 124K50J01L4 BULK
0.15
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 154K50J01L4 BULK
0.18
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 184K50J01L4 BULK
0.22
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 224K50J01L4 BULK
0.27 *
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 274K50J01L4 BULK
J02
0.33 *
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 334K50J01L4 BULK
J02
0.39 *
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 394K50J01L4 BULK
J02
0.47 *
2.5
6.5
7.2
5.0
2000
2500
3000
12
MMK5 474K50J01L4 BULK
J02
0.56 *
3.5
8.0
7.2
5.0
2000
2000
2000
12
MMK5 564K50J02L4 BULK
J03
0.68 *
3.5
8.0
7.2
5.0
2000
2000
2000
12
MMK5 684K50J02L4 BULK
J03
0.82 *
3.5
8.0
7.2
5.0
2000
2000
2000
12
MMK5 824K50J02L4 BULK
J03
1.0 *
3.5
8.0
7.2
5.0
2000
2000
2000
12
MMK5 105K50J02L4 BULK
J03
1.2 *
4.5
9.0
7.2
5.0
1000
1500
1700
12
MMK5 125K50J03L4 BULK
J04
1.5 *
4.5
9.0
7.2
5.0
1000
1500
1700
12
MMK5 155K50J03L4 BULK
J04
1.8 *
5.0
10.0
7.2
5.0
1000
1300
1500
12
MMK5 185K50J04L4 BULK
J05
2.2 *
5.0
10.0
7.2
5.0
1000
1300
1500
12
MMK5 225K50J04L4 BULK
J05
2.7 *
6.0
11.0
7.2
5.0
1000
1000
1200
12
MMK5 275K50J05L4 BULK
J06
3.3 *
6.0
11.0
7.2
5.0
1000
1000
1200
12
MMK5 335K50J05L4 BULK
J06
3.9
7.2
13.0
7.2
5.0
1000
800
12
MMK5 395K50J06L4 BULK
4.7
7.2
13.0
7.2
5.0
1000
800
12
MMK5 475K50J06L4 BULK
LEAD SPACING 7.5 MM
0.0010
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 102K50K00L4 BULK
0.0012
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 122K50K00L4 BULK
0.0015
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 152K50K00L4 BULK
0.0018
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 182K50K00L4 BULK
0.0022
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 222K50K00L4 BULK
0.0027
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 272K50K00L4 BULK
0.0033
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 332K50K00L4 BULK
0.0039
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 392K50K00L4 BULK
0.0047
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 472K50K00L4 BULK
0.0056
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 562K50K00L4 BULK
0.0068
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 682K50K00L4 BULK
0.0082
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 822K50K00L4 BULK
ARTICLE TABLE
* Existing capacitance value in smaller dimensions or new capacitance value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com