Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMK Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # MMK
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button MMK Datasheet HTML 13Page - List of Unclassifed Manufacturers MMK Datasheet HTML 14Page - List of Unclassifed Manufacturers MMK Datasheet HTML 15Page - List of Unclassifed Manufacturers MMK Datasheet HTML 16Page - List of Unclassifed Manufacturers MMK Datasheet HTML 17Page - List of Unclassifed Manufacturers MMK Datasheet HTML 18Page - List of Unclassifed Manufacturers MMK Datasheet HTML 19Page - List of Unclassifed Manufacturers MMK Datasheet HTML 20Page - List of Unclassifed Manufacturers MMK Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
43
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
630 VDC/220 VAC
* Existing capacitance value in smaller dimensions or new capacitance value.
LEAD SPACING 7.5 MM
0.0010
2.5
6.0
10.0
7.5
2000
2500
3000
60
MMK7,5 102K630K00L4 BULK
0.0012
2.5
6.0
10.0
7.5
2000
2500
3000
60
MMK7,5 122K630K00L4 BULK
0.0015
2.5
6.0
10.0
7.5
2000
2500
3000
60
MMK7,5 152K630K00L4 BULK
0.0018 *
2.5
6.0
10.0
7.5
2000
2500
3000
60
MMK7,5 182K630K00L4 BULK
K01
0.0022 *
2.5
6.0
10.0
7.5
2000
2500
3000
60
MMK7,5 222K630K00L4 BULK
K01
0.0027 *
2.5
6.0
10.0
7.5
2000
2500
3000
60
MMK7,5 272K630K00L4 BULK
K01
0.0033 *
2.5
6.0
10.0
7.5
2000
2500
3000
60
MMK7,5 332K630K00L4 BULK
K01
0.0039 *
2.5
6.0
10.0
7.5
2000
2500
3000
60
MMK7,5 392K630K00L4 BULK
K01
0.0047
4.0
8.0
10.5
7.5
1000
1700
1900
60
MMK7,5 472K630K01L4 BULK
K01
0.0056
4.0
8.0
10.5
7.5
1000
1700
1900
60
MMK7,5 562K630K01L4 BULK
K01
0.0068
4.0
8.0
10.5
7.5
1000
1700
1900
60
MMK7,5 682K630K01L4 BULK
K01
0.0082
4.0
8.0
10.5
7.5
1000
1700
1900
60
MMK7,5 822K630K01L4 BULK
K01
0.010 *
4.0
8.0
10.5
7.5
1000
1700
1900
60
MMK7,5 103K630K01L4 BULK
K03
0.012 *
4.0
8.0
10.5
7.5
1000
1700
1900
60
MMK7,5 123K630K01L4 BULK
K03
0.015
5.0
11.0
10.5
7.5
1000
1300
1500
60
MMK7,5 153K630K03L4 BULK
K03
0.018 *
5.0
11.0
10.5
7.5
1000
1300
1500
60
MMK7,5 183K630K03L4 BULK
K04
0.022 *
5.0
11.0
10.5
7.5
1000
1300
1500
60
MMK7,5 223K630K03L4 BULK
K04
0.027 *
5.0
11.0
10.5
7.5
1000
1300
1500
60
MMK7,5 273K630K03L4 BULK
---
0.033 *
6.0
12.0
10.5
7.5
1000
1000
1200
60
MMK7,5 333K630K04L4 BULK
---
0.039 *
6.0
12.0
10.5
7.5
1000
1000
1200
60
MMK7,5 393K630K04L4 BULK
---
LEAD SPACING 10 MM
0.0010
4.0
9.0
13.0
10.0
1000
900
40
MMK10 102K630A01L4 BULK
0.0012
4.0
9.0
13.0
10.0
1000
900
40
MMK10 122K630A01L4 BULK
0.0015
4.0
9.0
13.0
10.0
1000
900
40
MMK10 152K630A01L4 BULK
0.0018
4.0
9.0
13.0
10.0
1000
900
40
MMK10 182K630A01L4 BULK
0.0022
4.0
9.0
13.0
10.0
1000
900
40
MMK10 222K630A01L4 BULK
0.0027
4.0
9.0
13.0
10.0
1000
900
40
MMK10 272K630A01L4 BULK
0.0033
4.0
9.0
13.0
10.0
1000
900
40
MMK10 332K630A01L4 BULK
0.0039
4.0
9.0
13.0
10.0
1000
900
40
MMK10 392K630A01L4 BULK
0.0047
4.0
9.0
13.0
10.0
1000
900
40
MMK10 472K630A01L4 BULK
0.0056
4.0
9.0
13.0
10.0
1000
900
40
MMK10 562K630A01L4 BULK
0.0068
4.0
9.0
13.0
10.0
1000
900
40
MMK10 682K630A01L4 BULK
0.0078
4.0
9.0
13.0
10.0
1000
900
40
MMK10 782K630A01L4 BULK
0.0082
4.0
9.0
13.0
10.0
1000
900
40
MMK10 822K630A01L4 BULK
0.010
4.0
9.0
13.0
10.0
1000
900
40
MMK10 103K630A01L4 BULK
0.012
4.0
9.0
13.0
10.0
1000
900
40
MMK10 123K630A01L4 BULK
0.015 *
4.0
9.0
13.0
10.0
1000
900
40
MMK10 153K630A01L4 BULK
A03
0.018 *
4.0
9.0
13.0
10.0
1000
900
40
MMK10 183K630A01L4 BULK
A03
0.022 *
4.0
9.0
13.0
10.0
1000
900
40
MMK10 223K630A01L4 BULK
A03
0.027 *
4.5
10.5
13.0
10.0
1000
800
40
MMK10 273K630A02L4 BULK
---
0.033 *
4.5
10.5
13.0
10.0
1000
800
40
MMK10 333K630A02L4 BULK
---
0.039 *
5.0
11.0
13.0
10.0
800
700
40
MMK10 393K630A03L4 BULK
---
0.047 *
6.0
12.0
13.0
10.0
600
500
40
MMK10 473K630A04L4 BULK
---
0.056 *
6.0
12.0
13.0
10.0
600
500
40
MMK10 563K630A04L4 BULK
---
LEAD SPACING 15 MM
0.027
5.5
10.5
18.0
15.0
1000
600
25
MMK15 273K630B04L4 BULK
0.033
5.5
10.5
18.0
15.0
1000
600
25
MMK15 333K630B04L4 BULK
0.039 *
5.5
10.5
18.0
15.0
1000
600
25
MMK15 393K630B04L4 BULK
B05
0.047 *
5.5
10.5
18.0
15.0
1000
600
25
MMK15 473K630B04L4 BULK
B10
0.056 *
5.5
10.5
18.0
15.0
1000
600
25
MMK15 563K630B04L4 BULK
B10
0.068 *
5.5
12.5
18.0
15.0
1000
600
25
MMK15 683K630B05L4 BULK
B06
0.082 *
6.5
12.5
18.0
15.0
1000
500
25
MMK15 823K630B10L4 BULK
B11
0.10 *
6.5
12.5
18.0
15.0
1000
500
25
MMK15 104K630B10L4 BULK
B11
0.12 *
7.5
14.5
18.0
15.0
800
400
25
MMK15 124K630B06L4 BULK
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com