Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMK Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # MMK
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button MMK Datasheet HTML 11Page - List of Unclassifed Manufacturers MMK Datasheet HTML 12Page - List of Unclassifed Manufacturers MMK Datasheet HTML 13Page - List of Unclassifed Manufacturers MMK Datasheet HTML 14Page - List of Unclassifed Manufacturers MMK Datasheet HTML 15Page - List of Unclassifed Manufacturers MMK Datasheet HTML 16Page - List of Unclassifed Manufacturers MMK Datasheet HTML 17Page - List of Unclassifed Manufacturers MMK Datasheet HTML 18Page - List of Unclassifed Manufacturers MMK Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
40
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
400 VDC/200 VAC
LEAD SPACING 5 MM
0.0010
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 102K400J01L4 BULK
0.0012
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 122K400J01L4 BULK
0.0015
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 152K400J01L4 BULK
0.0018
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 182K400J01L4 BULK
0.0022
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 222K400J01L4 BULK
0.0027
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 272K400J01L4 BULK
0.0033
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 332K400J01L4 BULK
0.0039
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 392K400J01L4 BULK
0.0047
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 472K400J01L4 BULK
0.0056
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 562K400J01L4 BULK
0.0068
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 682K400J01L4 BULK
0.0082 *
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 822K400J01L4 BULK
---
0.010 *
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 103K400J01L4 BULK
---
0.012 *
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 123K400J01L4 BULK
---
0.015 *
2.5
6.5
7.2
5.0
2000
2500
3000
50
MMK5 153K400J01L4 BULK
---
0.018 *
3.5
8.0
7.2
5.0
2000
2000
2000
50
MMK5 183K400J02L4 BULK
---
0.022 *
3.5
8.0
7.2
5.0
2000
2000
2000
50
MMK5 223K400J02L4 BULK
---
0.027 *
4.5
9.0
7.2
5.0
1000
1500
1700
50
MMK5 273K400J03L4 BULK
---
0.033 *
4.5
9.0
7.2
5.0
1000
1500
1700
50
MMK5 333K400J03L4 BULK
---
0.039 *
4.5
9.0
7.2
5.0
1000
1500
1700
50
MMK5 393K400J03L4 BULK
---
0.047 *
4.5
9.0
7.2
5.0
1000
1500
1700
50
MMK5 473K400J03L4 BULK
---
0.056 *
6.0
11.0
7.2
5.0
1000
1000
1200
50
MMK5 563K400J05L4 BULK
---
0.068 *
6.0
11.0
7.2
5.0
1000
1000
1200
50
MMK5 683K400J05L4 BULK
---
0.082 *
7.2
13.0
7.2
5.0
1000
800
50
MMK5 823K400J06L4 BULK
---
0.10 *
7.2
13.0
7.2
5.0
1000
800
50
MMK5 104K400J06L4 BULK
---
LEAD SPACING 7.5 MM
0.0010
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 102K400K00L4 BULK
0.0012
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 122K400K00L4 BULK
0.0015
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 152K400K00L4 BULK
0.0018
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 182K400K00L4 BULK
0.0022
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 222K400K00L4 BULK
0.0027
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 272K400K00L4 BULK
0.0033
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 332K400K00L4 BULK
0.0039
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 392K400K00L4 BULK
0.0047 *
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 472K400K00L4 BULK
K01
0.0056 *
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 562K400K00L4 BULK
K01
0.0068 *
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 682K400K00L4 BULK
K01
0.0082 *
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 822K400K00L4 BULK
K01
0.010 *
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 103K400K00L4 BULK
K01
0.012 *
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 123K400K00L4 BULK
K01
0.015 *
2.5
6.0
10.0
7.5
2000
2500
3000
40
MMK7,5 153K400K00L4 BULK
K01
0.018
4.0
8.0
10.5
7.5
1000
1700
1900
40
MMK7,5 183K400K01L4 BULK
0.022 *
4.0
8.0
10.5
7.5
1000
1700
1900
40
MMK7,5 223K400K01L4 BULK
K03
0.027 *
4.0
8.0
10.5
7.5
1000
1700
1900
40
MMK7,5 273K400K01L4 BULK
K03
0.033 *
4.0
8.0
10.5
7.5
1000
1700
1900
40
MMK7,5 333K400K01L4 BULK
K03
0.039 *
4.0
8.0
10.5
7.5
1000
1700
1900
40
MMK7,5 393K400K01L4 BULK
K03
0.047 *
5.0
11.0
10.5
7.5
1000
1300
1500
40
MMK7,5 473K400K03L4 BULK
K04
0.056 *
5.0
11.0
10.5
7.5
1000
1300
1500
40
MMK7,5 563K400K03L4 BULK
---
0.068 *
5.0
11.0
10.5
7.5
1000
1300
1500
40
MMK7,5 683K400K03L4 BULK
---
0.082 *
5.0
11.0
10.5
7.5
1000
1300
1500
40
MMK7,5 823K400K03L4 BULK
---
0.10 *
5.0
11.0
10.5
7.5
1000
1300
1500
40
MMK7,5 104K400K03L4 BULK
---
0.12 *
6.0
12.0
10.5
7.5
1000
1000
1200
40
MMK7,5 124K400K04L4 BULK
---
0.15 *
6.0
12.0
10.5
7.5
1000
1000
1200
40
MMK7,5 154K400K04L4 BULK
---
* Existing capacitance value in smaller dimensions or new capacitance value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com