Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMK Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MMK
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MMK Datasheet HTML 1Page - List of Unclassifed Manufacturers MMK Datasheet HTML 2Page - List of Unclassifed Manufacturers MMK Datasheet HTML 3Page - List of Unclassifed Manufacturers MMK Datasheet HTML 4Page - List of Unclassifed Manufacturers MMK Datasheet HTML 5Page - List of Unclassifed Manufacturers MMK Datasheet HTML 6Page - List of Unclassifed Manufacturers MMK Datasheet HTML 7Page - List of Unclassifed Manufacturers MMK Datasheet HTML 8Page - List of Unclassifed Manufacturers MMK Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
30
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
50 VDC/30 VAC
LEAD SPACING 7.5 MM
0.010
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 103K50K00L4 BULK
0.012
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 123K50K00L4 BULK
0.015
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 153K50K00L4 BULK
0.018
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 183K50K00L4 BULK
0.022
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 223K50K00L4 BULK
0.027
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 273K50K00L4 BULK
0.033
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 333K50K00L4 BULK
0.039
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 393K50K00L4 BULK
0.047
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 473K50K00L4 BULK
0.056
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 563K50K00L4 BULK
0.068
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 683K50K00L4 BULK
0.082
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 823K50K00L4 BULK
0.10
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 104K50K00L4 BULK
0.12
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 124K50K00L4 BULK
0.15
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 154K50K00L4 BULK
0.18
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 184K50K00L4 BULK
0.22 *
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 224K50K00L4 BULK
K01
0.27 *
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 274K50K00L4 BULK
K01
0.33 *
2.5
6.0
10.0
7.5
2000
2500
3000
5
MMK7,5 334K50K00L4 BULK
K01
0.39
4.0
8.0
10.5
7.5
1000
1700
1900
5
MMK7,5 394K50K01L4 BULK
0.47
4.0
8.0
10.5
7.5
1000
1700
1900
5
MMK7,5 474K50K01L4 BULK
0.56
4.0
8.0
10.5
7.5
1000
1700
1900
5
MMK7,5 564K50K01L4 BULK
0.68
4.0
8.0
10.5
7.5
1000
1700
1900
5
MMK7,5 684K50K01L4 BULK
0.82 *
4.0
8.0
10.5
7.5
1000
1700
1900
5
MMK7,5 824K50K01L4 BULK
K03
1.0 *
4.0
8.0
10.5
7.5
1000
1700
1900
5
MMK7,5 105K50K01L4 BULK
K03
1.2
5.0
11.0
10.5
7.5
1000
1300
1500
5
MMK7,5 125K50K03L4 BULK
1.5
5.0
11.0
10.5
7.5
1000
1300
1500
5
MMK7,5 155K50K03L4 BULK
1.8 *
5.0
11.0
10.5
7.5
1000
1300
1500
5
MMK7,5 185K50K03L4 BULK
K04
2.2
6.0
12.0
10.5
7.5
1000
1000
1200
5
MMK7,5 225K50K04L4 BULK
2.7
6.0
12.0
10.5
7.5
1000
1000
1200
5
MMK7,5 275K50K04L4 BULK
3.3
6.0
12.0
10.5
7.5
1000
1000
1200
5
MMK7,5 335K50K04L4 BULK
LEAD SPACING 10 MM
1.0 *
4.0
9.0
13.0
10.0
1000
900
4
MMK10 105K50A01L4 BULK
---
1.2 *
4.0
9.0
13.0
10.0
1000
900
4
MMK10 125K50A01L4 BULK
---
1.5 *
4.5
10.5
13.0
10.0
1000
800
4
MMK10 155K50A02L4 BULK
---
1.8 *
5.0
11.0
13.0
10.0
800
700
4
MMK10 185K50A03L4 BULK
---
2.2 *
5.0
11.0
13.0
10.0
800
700
4
MMK10 225K50A03L4 BULK
---
2.7 *
6.0
12.0
13.0
10.0
600
500
4
MMK10 275K50A04L4 BULK
---
LEAD SPACING 15 MM
2.0 *
5.5
10.5
18.0
15.0
1000
600
3
MMK15 205K50B04L4 BULK
---
2.2 *
5.5
10.5
18.0
15.0
1000
600
3
MMK15 225K50B04L4 BULK
---
2.7 *
5.5
12.5
18.0
15.0
1000
600
3
MMK15 275K50B05L4 BULK
---
3.3 *
5.5
12.5
18.0
15.0
1000
600
3
MMK15 335K50B05L4 BULK
---
3.9 *
6.5
12.5
18.0
15.0
1000
500
3
MMK15 395K50B10L4 BULK
---
4.7 *
7.5
14.5
18.0
15.0
800
400
3
MMK15 475K50B06L4 BULK
---
5.6 *
7.5
14.5
18.0
15.0
800
400
3
MMK15 565K50B06L4 BULK
---
6.8 *
8.0
15.0
18.0
15.0
600
400
3
MMK15 685K50B12L4 BULK
---
8.2 *
8.5
16.0
18.0
15.0
600
400
3
MMK15 825K50B11L4 BULK
---
10.0 *
9.5
17.5
18.0
15.0
500
350
3
MMK15 106K50B14L4 BULK
---
* Existing capacitance value in smaller dimensions or new capacitance value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com