Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMK Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # MMK
Description  Metallized polyester According to CECC 30401-042, IEC 60384-2, DIN 44122
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMK Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button MMK Datasheet HTML 10Page - List of Unclassifed Manufacturers MMK Datasheet HTML 11Page - List of Unclassifed Manufacturers MMK Datasheet HTML 12Page - List of Unclassifed Manufacturers MMK Datasheet HTML 13Page - List of Unclassifed Manufacturers MMK Datasheet HTML 14Page - List of Unclassifed Manufacturers MMK Datasheet HTML 15Page - List of Unclassifed Manufacturers MMK Datasheet HTML 16Page - List of Unclassifed Manufacturers MMK Datasheet HTML 17Page - List of Unclassifed Manufacturers MMK Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
39
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Max
Old
tance
dU/dt
MMK
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
V/µs
Article code
size
MMK
250 VDC/160 VAC
* Existing capacitance value in smaller dimensions or new capacitance value.
LEAD SPACING 22.5 MM
0.47
6.5
14.5
26.0
22.5
234
8
MMK22,5 474K250D13L4 TRAY
0.56
6.5
14.5
26.0
22.5
234
8
MMK22,5 564K250D13L4 TRAY
0.68
6.5
14.5
26.0
22.5
234
8
MMK22,5 684K250D13L4 TRAY
0.82 *
6.5
14.5
26.0
22.5
234
8
MMK22,5 824K250D13L4 TRAY D17
1.0 *
6.5
14.5
26.0
22.5
234
8
MMK22,5 105K250D13L4 TRAY D14
1.2 *
7.0
16.5
26.0
22.5
216
8
MMK22,5 125K250D17L4 TRAY D15
1.5 *
8.0
16.0
26.0
22.5
186
8
MMK22,5 155K250D14L4 TRAY D15
1.8 *
9.0
18.5
26.0
22.5
168
8
MMK22,5 185K250D15L4 TRAY D18
2.0 *
9.0
18.5
26.0
22.5
168
8
MMK22,5 205K250D15L4 TRAY D16
2.2 *
9.0
18.5
26.0
22.5
168
8
MMK22,5 225K250D15L4 TRAY D16
2.7 *
10.5
19.0
26.0
22.5
264
8
MMK22,5 275K250D18L4 TRAY ---
3.3 *
11.0
21.5
26.0
22.5
253
8
MMK22,5 335K250D16L4 TRAY ---
3.9 *
15.5
24.5
26.0
22.5
176
8
MMK22,5 395K250D19L4 TRAY ---
4.7 *
15.5
24.5
26.0
22.5
176
8
MMK22,5 475K250D19L4 TRAY ---
5.6 *
15.5
24.5
26.0
22.5
176
8
MMK22,5 565K250D19L4 TRAY ---
LEAD SPACING 27.5 MM
1.5
10.5
20.5
31.5
27.5
216
5
MMK27,5 155K250F11L4 TRAY
1.8
10.5
20.5
31.5
27.5
216
5
MMK27,5 185K250F11L4 TRAY
2.0
10.5
20.5
31.5
27.5
216
5
MMK27,5 205K250F11L4 TRAY
2.2
10.5
20.5
31.5
27.5
216
5
MMK27,5 225K250F11L4 TRAY
2.5 *
10.5
20.5
31.5
27.5
216
5
MMK27,5 255K250F11L4 TRAY F12
2.7 *
10.5
20.5
31.5
27.5
216
5
MMK27,5 275K250F11L4 TRAY F12
3.3 *
10.5
20.5
31.5
27.5
216
5
MMK27,5 335K250F11L4 TRAY F12
3.9 *
11.5
22.5
31.5
27.5
198
5
MMK27,5 395K250F12L4 TRAY F13
4.7 *
13.5
23.0
31.5
27.5
171
5
MMK27,5 475K250F03L4 TRAY F14
5.6 *
14.5
24.5
31.5
27.5
153
5
MMK27,5 565K250F13L4 TRAY F14
6.8 *
17.5
28.0
31.5
27.5
126
5
MMK27,5 685K250F14L4 TRAY ---
8.2 *
19.0
29.0
31.5
27.5
117
5
MMK27,5 825K250F15L4 TRAY ---
10 *
21.0
30.0
31.5
27.5
108
5
MMK27,5 106K250F16L4 TRAY ---
LEAD SPACING 37.5 MM
4.7
13.0
24.0
41.0
37.5
140
3
MMK37,5 475K250R05L4 TRAY
5.6 *
13.0
24.0
41.0
37.5
140
3
MMK37,5 565K250R05L4 TRAY R04
6.8 *
13.0
24.0
41.0
37.5
140
3
MMK37,5 685K250R05L4 TRAY R04
8.2 *
15.0
26.0
41.0
37.5
119
3
MMK37,5 825K250R04L4 TRAY R02
10 *
15.0
26.0
41.0
37.5
119
3
MMK37,5 106K250R04L4 TRAY R03
12 *
16.5
32.0
41.0
37.5
105
3
MMK37,5 126K250R02L4 TRAY R03
15 *
16.5
32.0
41.0
37.5
105
3
MMK37,5 156K250R02L4 TRAY ---
18 *
19.0
36.0
41.0
37.5
91
3
MMK37,5 186K250R03L4 TRAY ---
22 *
21.0
38.0
41.0
37.5
84
3
MMK37,5 226K250R06L4 TRAY ---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com