Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8FLC2M32 Datasheet(PDF) 1 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 1 Page - Micross Components

  AS8FLC2M32 Datasheet HTML 1Page - Micross Components AS8FLC2M32 Datasheet HTML 2Page - Micross Components AS8FLC2M32 Datasheet HTML 3Page - Micross Components AS8FLC2M32 Datasheet HTML 4Page - Micross Components AS8FLC2M32 Datasheet HTML 5Page - Micross Components AS8FLC2M32 Datasheet HTML 6Page - Micross Components AS8FLC2M32 Datasheet HTML 7Page - Micross Components AS8FLC2M32 Datasheet HTML 8Page - Micross Components AS8FLC2M32 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
1
FIGURE 1: PIN ASSIGNMENT
(Top View)
Hermetic, Multi-Chip Module
(MCM)
64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
Available via Applicable Specifications:
•
MIL-PRF-38534, Class H
•
DSCC SMD 5962-08245
FEATURES
•
64Mb device, total density, organized as 2M x 32
•
Bottom Boot Block (Sector) Architecture
(Contact factory for top boot)
•
Operation with single 3.0V Supply
•
Available in multiple Access time variations
•
Individual byte control via individual byte selects (CSx\)
•
Low Power CMOS
•
1,000,000 Erase/Program Cycles
•
Minimum 1,000,000 Program/Erase Cycles per sector
guaranteed
•
Sector Architecture:
•
One 16K byte, two 8K byte, one 32K byte and
thirty-one 64Kbyte sectors (byte mode)
•
Any combination of sectors can be concurrently erased
•
MCM supports full array (multi-chip) Erase
•
Embedded Erase and Program Algorithms
•
Erase Suspend/Resume; Supports reading data from or
programming data to a sector not being Erased
•
TTL Compatible Inputs and Outputs
•
Military and Industrial operating temperature ranges
OPTION
MARKING
Access Speed
70ns*
-70
90ns
-90
100ns
-100
120ns
-120
*Contact Factory
Package
Ceramic Quad Flat Pack
Q
Ceramic Hex Inline Pack
P
Temperature Range
Full Mil (MIL-PRF-38534, Class H /Q
Military Temp (-55oC to +125oC)
/XT
Industrial (-40oC to +85oC)
/IT
GENERAL DESCRIPTION
The AS8FLC2M32B is a 64Mb FLASH Multi-Chip Module
organized as 2M x 32 bits. The module achieves high speed
access, low power consumption and high reliability by employ-
ing advanced CMOS memory technology. The military grade
product is manufactured in compliance to the MIL-PRF-38534
specifications, making the AS8FLC2M32B ideally suited for
military or space applications. The module is offered in a
68-lead 0.990 inch square ceramic quad flat pack or 66-lead
1.185inch square ceramic Hex In-line Package (HIP). The
CQFP package design is targeted for those applications, which
require low profile SMT Packaging.
For more products and information
please visit our web site at
www.micross.com
I/O0
I/O1
I/02
I/O5
I/O6
I/O7
GND
I/O10
I/O11
I/O17
I/O18
I/O21
I/O22
I/O23
GND
I/O26
I/O27
I/O16
I/O19
I/O25
I/O20
I/O24
I/O28
I/O30
I/O29
I/O3
I/O9
I/O4
I/O8
10
11
12
13
14
15
16
17
18
60
59
78
57
76
55
54
53
52
51
50
49
48
47
46
45
I/012
I/O14
I/O13
25
24
23
22
21
19
20
26
44
I/O15
I/O31
[Package Designator QT]
I/O2
I/O1
I/O0
I/O8
I/O9
I/O10
I/O4
I/O3
I/O5
I/O6
I/O7
I/O11
I/O12
I/O13
I/O14
I/O15
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
I/O24
I/O25
I/O26
I/O27
I/O28
I/O29
I/O30
I/O31
A0
A18
A11
A16
A14
A15
A9
A10
A17
A8
A7
A4
A5
A6
A1
A2
A3
A12
A13
NC
NC
CS3\
CS2\
CS1\
CS4\
A19
VCC
VCC
GND
GND
Reset\
OE\
WE\
NC
66 HIP
Pin Assignment
[Package Designator H]
(Top View)
P
DQ8
DQ9
DQ10
DQ0
DQ1
DQ2
DQ11
DQ3
DQ15
DQ14
DQ13
A20
DQ12
DQ7
DQ6
DQ5
DQ4
DQ24
DQ25
DQ26
DQ27
DQ31
DQ30
DQ29
DQ19
DQ28
DQ23
DQ22
DQ21
DQ20
DQ16
DQ17
DQ18
DQ25
DQ24
DQ23
DQ22
DQ21
DQ20
DQ19
DQ18
DQ17
DQ16
DQ31
DQ30
DQ29
DQ28
DQ27
DQ26
DQ9
DQ8
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10


Similar Part No. - AS8FLC2M32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8FLC2M32 AUSTIN-AS8FLC2M32 Datasheet
415Kb / 29P
Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
AS8FLC2M32BP-100/IT AUSTIN-AS8FLC2M32BP-100/IT Datasheet
415Kb / 29P
Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
AS8FLC2M32BP-100/Q AUSTIN-AS8FLC2M32BP-100/Q Datasheet
415Kb / 29P
Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
AS8FLC2M32BP-100/XT AUSTIN-AS8FLC2M32BP-100/XT Datasheet
415Kb / 29P
Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
AS8FLC2M32BP-120/IT AUSTIN-AS8FLC2M32BP-120/IT Datasheet
415Kb / 29P
Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
More results

Similar Description - AS8FLC2M32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
Serial Access Real-Time Clock
13-Nov-2003
M41T00S STMICROELECTRONICS-M41T00S Datasheet
289Kb / 23P
Serial Access Real-Time Clock
10-Feb-2004
M41T60 STMICROELECTRONICS-M41T60_05 Datasheet
258Kb / 24P
Serial access real-time clock
06-Jul-2006
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
Serial access real-time clock
29-Apr-2010
logo
Grayhill, Inc
62B22-SPP-040C GRAYHILL-62B22-SPP-040C Datasheet
411Kb / 2P
Multiple Switching Functions Available in One Compact Device
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64_14 Datasheet
324Kb / 12P
Fast Read Access Time
AT28C64X ATMEL-AT28C64X_14 Datasheet
324Kb / 12P
Fast Read Access Time
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
Available in multiple package options
logo
Ohmite Mfg. Co.
SINK-AH OHMITE-SINK-AH Datasheet
494Kb / 2P
Multiple finishes available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com