Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8FLC2M32 Datasheet(PDF) 19 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 19 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 15Page - Micross Components AS8FLC2M32 Datasheet HTML 16Page - Micross Components AS8FLC2M32 Datasheet HTML 17Page - Micross Components AS8FLC2M32 Datasheet HTML 18Page - Micross Components AS8FLC2M32 Datasheet HTML 19Page - Micross Components AS8FLC2M32 Datasheet HTML 20Page - Micross Components AS8FLC2M32 Datasheet HTML 21Page - Micross Components AS8FLC2M32 Datasheet HTML 22Page - Micross Components AS8FLC2M32 Datasheet HTML 23Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
19
Erase / Program Operations
Program Operation Timings
Notes:
1.
Not 100% Tested
2.
See Erase and Programming Performance for more information
Notes
1. PA = program address, PD = program data, DOUT is the true data at the program address.
VCC
tVCS
OE#
WE#
CE#
Data
Addresses
tDS
tAH
tD
tWP
PD
tWHWH1
tWC
tAS
tWPH
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
tCH
PA
JEDEC
Std
70
90
100
120
tAVAV
tWC
70
90
100
120
tAVWL
tAS
tWLAX
tAH
tDVWH
tDS
35
40
45
45
tWHDX
tDH
tOES
tGHWL
tGHWL
tELWL
tCS
tWHEH
tCH
tWLWH
tWP
tWHWL
tWPH
tSR/W
ns
tWHWH1
tWHWH1
Programming Operation
2
Byte
Typ
μs
tWHWH2
tWHWH2
sec
tVCS
Min
μs
ns
5
0.7
50
45
0
35
Write Pulse Width High
Latency Between Read and Write Operations
Sector Erase Operation
2
Address Hold Time
Data Setup Time
Data Hold Time
Vcc Setup Time
1
Parameter
0
0
Write Pulse Width
Write Cycle Time
1
Address Setup Time
Min
CE# Setup Time
CE# Hold Time
Output Enable Setup Time
Read Recovery Time Before Write
(OE# High to WE# Low)
Unit
30
20
Description
0
Speed Options
0
0
AAAH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com