Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8FLC2M32 Datasheet(PDF) 10 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 10 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 6Page - Micross Components AS8FLC2M32 Datasheet HTML 7Page - Micross Components AS8FLC2M32 Datasheet HTML 8Page - Micross Components AS8FLC2M32 Datasheet HTML 9Page - Micross Components AS8FLC2M32 Datasheet HTML 10Page - Micross Components AS8FLC2M32 Datasheet HTML 11Page - Micross Components AS8FLC2M32 Datasheet HTML 12Page - Micross Components AS8FLC2M32 Datasheet HTML 13Page - Micross Components AS8FLC2M32 Datasheet HTML 14Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
10
Reset Command
WRITING the reset command to the device resets the device
to reading array data. Address bits are don’t care for this
command.
The RESET command may be WRITTEN between the sequence
cycles in an ERASE command sequence before ERASING
begins. This resets the device to READING array data. Once
ERASURE begins, the device ignores RESET command requests
until the first initiation of the operation has completed.
The RESET command may be WRITTEN between the sequence
cycles in a program command sequence and before programming
begins. This RESETS the device to READING Array data.
Once programming begins, the device ignores additional RESET
command requests until the current operation has completed.
The RESET command may be written between the sequence
cycles in an Autoselect command sequence. Once in the
Autoselect Mode, the reset command must be WRITTEN to
return to READING Array data.
Autoselect Command Sequence
The Autoselect command sequence allows the host system to
access the manufacturer and device codes, allowing the user
determination as to whether or not a Sector is protected. This
method is an alternative to DEVICE PROGRAMMERS but
requires VID on Address bit 9 (A9).
The Autoselect command sequence is initiated by WRITING
two UNLOCK cycles, followed by the AUTOSELECT
COMMAMD. The device then enters the AUTOSELECT mode,
and the system may read at any address, any number of times,
without initiating another command.
A READ cycle at Address XX00h retrieves the manufacturer
code. A READ cycle at Address XX01h returns the device
code. A READ cycle containing a Sector Address (SA) and the
address 02h returns 01h if that sector is protected, or 00h if it
is un-protected.
Byte Program Command Sequence
Programming is a four-bus-cycle operation. The program com-
mand sequence is initiated by writing two unlock WRITE cycles,
followed by the PROGRAM set-up command. The program
address and data are WRITTEN next, which in turn initiates the
Embedded Program algorithm. The system is not required to
provide further controls or timings. The device automatically
provides internally generated PROGRAM pulses and verifies
the programmed cell margin.
When the Embedded Program algorithm is complete, the device
then returns to READING array data and addresses are no longer
latched. The system can determine the status of the program
operation by using DQ31, DQ30, DQ23, DQ22, DQ15. DQ14,
DQ7, DQ6.
Any commands WRITTEN to the device during the Embedded
Program algorithm are ignored. Note that a HARDWARE
RESET immediately terminates the programming operation.
The Byte Program command sequence should be reinitiated
once the device has reset to READING Array data, to ensure
data integrity.
PROGRAMMING is allowed in any sequence and across Sector
Boundaries. A bit cannot be PROGRAMMED from a “0” back to
a “1”, this can only be accomplished via an ERASE operation.
Unlock Bypass Command Sequence
The UNLOCK BYPASS feature allows the system to program
bytes to the device faster than using the standard program
command sequence. The UNLOCK BYPASS command
sequence is initiated by first WRITING two UNLOCK cycles.
This is followed by a third WRITE cycle containing the
UNLOCK BYPASS command, 20h. The device then enters the
UNLOCK BYPASS mode. A two-cycle UNLOCK BYPASS
command operation is all that is required to PROGRAM in this
mode. The first cycle in this sequence contains the UNLOCK
BYPASS program command, A0h; the second cycle contains the
program address and data. Additional data is PROGRAMMED
in the same manner. This mode dispenses with the initial two
UNLOCK cycles required in the standard PROGRAM command
sequence. The first cycle must contain the data 90h; the second
cycle the data 00h. Addresses are don’t care fore both cycles.
The device then returns to READING Array data.
Chip Erase Command Sequence
CHIP ERASE is a six-bus cycle operation. The CHIP ERASE
command sequence is initiated by writing two unlock cycles,
followed by a set-up command. Two additional UNLOCK
WRITE cycles are then followed by the chip ERASE command,
which in turn invokes the Embedded ERASE algorithm. The
device does not require the system to PRE-PROGRAM prior to
ERASE. The Embedded ERASE algorithm automatically PRE-
PROGRAMS and VERIFIES the entire Array for an all Zero data
pattern prior to electrical ERASE. The system is not required to
provide any controls or timing during these operations.
Any commands WRITTEN to the chip during the Embedded
ERASE operation are ignored. Note that a HARDWARE
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com