Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8FLC2M32 Datasheet(PDF) 16 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 16 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 12Page - Micross Components AS8FLC2M32 Datasheet HTML 13Page - Micross Components AS8FLC2M32 Datasheet HTML 14Page - Micross Components AS8FLC2M32 Datasheet HTML 15Page - Micross Components AS8FLC2M32 Datasheet HTML 16Page - Micross Components AS8FLC2M32 Datasheet HTML 17Page - Micross Components AS8FLC2M32 Datasheet HTML 18Page - Micross Components AS8FLC2M32 Datasheet HTML 19Page - Micross Components AS8FLC2M32 Datasheet HTML 20Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
16
Pin Description/Assignment Table
Signal Name
Symbol
Type
Pin DEF/Package=QT
Symbol
Pin DEF/Package=H
Description
Address
A0, A1, A2. A3,
Input
8, 7, 6, 5,
A0, A1, A2. A3,
7, 60, 61, 62, 49, 50,
Address Inputs
A4, A5, A6, A7
4, 3, 66, 65,
A4, A5, A6, A7
51, 37, 41, 17, 16, 6,
A8, A9, A10, A11
64, 63, 62, 28,A8, A9, A10, A11
38, 40, 4, 18, 5, 28,
A12,A13,A14,A15
29,30,31,32,
A12,A13,A14,A15
8, 21
A16,A17,A18,A19
33,37,41,42
A16,A17,A18,A19
Chip Selects
CS1\, CS2\
Input
34, 36,
CS1\, CS2\
20, 13, 53, 46
Active Low True Chip Selects (Enables)
CS3\, CS4\
2, 68
CS3\, CS4\
Write Enables
WE1\, WE2\
Input
67, 38,WE\
29
Active Low True Write Enable(s)
WE3\, WE4\
39, 40
Output Enable
OE\
Input
35
OE\
27
Active Low True Output Enable (x32)
Reset
RESET\
Input
9
RESET\
12
Active Low True Reset
Power Supply
VCC
Input
61,27
VCC
19, 45
Power for Core and I/O
Ground [Core]
VSS
Input
1,52,18
VSS
14, 54
Digital GND
Data Input, Output
I/O0,I/O1,I/O2
Input/
10,11,12,13,14,15,
I/O0,I/O1,I/O2
9, 10, 11, 22, 33, 32,
Data Input, Output
I/O3,I/O4,I/O5
Output
16,17,19,20,21,22,
I/O3,I/O4,I/O5
31, 30, 1, 2, 3, 15
I/O6,I/O7,1/O8
23,24,25,26,60,59,
I/O6,I/O7,1/O8
26, 25, 24, 23, 42, 43
I/O9,I/O10,I/O11
58,57,56,55,54,53,
I/O9,I/O10,I/O11
44, 55, 66, 65, 65, 63
I/O12,I/O13,I/O14
51,50,49,48,47,46,
I/O12,I/O13,I/O14
34, 35, 36, 42, 43, 44,
I/O15,I/O16,I/O17
45,44
I/O15,I/O16,I/O17
55, 66, 65, 64, 63,
I/O18,I/O19,I/O20
I/O18,I/O19,I/O20
34, 35, 48, 59, 58,
I/O21,I/O22,I/O23
I/O21,I/O22,I/O23
57, 56
I/O24,I/O25,I/O26
I/O24,I/O25,I/O26
I/O27,I/O28,I/O29
I/O27,I/O28,I/O29
I/O30,I/O31
I/O30,I/O31
No Connection
NC
OPEN
43
NC
47, 52, 39
No internal connection
Absolute Maximum Ratings*
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Voltage on VDD Pin (Note 1)
VCC
-0.5
4
V
Voltage on A9, OE\,
-0.5
12.5
V
and RESET\ (Note 2)
Voltage on Input Pins
VIN
-0.5
VCC+0.5
V
Voltage on I/O Pins
VIO
-0.5
VDDQ+0.5
V
Output Short Circuit Current
ISC
200
mA
(Note 3)
Storage Temperature
tSTG
-65
150
οC
Operating Temperatures
/IT
-40
85
οC
[Screening Levels]
/XT
-55
125
οC
VCNTL
1.
Minimum DC voltage on any Input or Input/Output pin is
–0.5v. During voltage transitions, input or input/output
pins may undershoot VSS to –2.0v for periods of up to
20ns.
2.
Minimum DC input/output voltage on pins A9, OE\, and
RESET\ is -0.5v. During voltage transitions, A9, OE\, and
RESET\ may undershoot VSS to –2.0v for periods of up to
20ns. Maximum DC input voltage on pin A9 is +12.5v
which may overshoot to 14.0v for periods up to 20ns.
3.
No more than one output may be shorted to ground at a
time. Duration of the short circuit should not be greater
than one (1) second.
*Stress greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other conditions
greater than those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum conditions for any duration or segment of time
may affect device reliability.
Test Conditions
Test Specifications
Parameter
-70/-90
-100/-120
Units
Output Load
1 TTL Gate
Output Load Capacitance,
CL (including Jig)
Input Rise and Fall Times
5ns
Input Pulse Levels
0.0-3.0
V
Input timing measurement
reference levels
Output timing measurement
reference levels
1.5
V
V
30
100
pF
1.5
Test Set-Up
Device
Under
Test
3.3v
CL
6.2K
ohm
1N3064
1N3064
1N3064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com