Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8FLC2M32 Datasheet(PDF) 22 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 22 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 18Page - Micross Components AS8FLC2M32 Datasheet HTML 19Page - Micross Components AS8FLC2M32 Datasheet HTML 20Page - Micross Components AS8FLC2M32 Datasheet HTML 21Page - Micross Components AS8FLC2M32 Datasheet HTML 22Page - Micross Components AS8FLC2M32 Datasheet HTML 23Page - Micross Components AS8FLC2M32 Datasheet HTML 24Page - Micross Components AS8FLC2M32 Datasheet HTML 25Page - Micross Components AS8FLC2M32 Datasheet HTML 26Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
22
Note
The system may use CE# or OE# to toggle DQ2 and DQ6. DQ2 toggles only when read at an address within an erase-suspended sector.
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing
DQ2 vs. DQ6
JEDEC
Std
tVIDR
VID Rise and Fall Time
1
Min
ns
tRSP
RESET# Setup Time for
Temporary Sector Unprotect
Min
μs
Unit
All Speed Options
Description
500
4
Parameter
Temporary Sector Unprotect
Temporary Sector Unprotect Timing Diagram
RESET#
tVIDR
12 V
0 or 3 V
CE#
WE#
tVIDR
tRSP
Program or Erase Command Sequence
0 or 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com