Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8FLC2M32 Datasheet(PDF) 12 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 12 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 8Page - Micross Components AS8FLC2M32 Datasheet HTML 9Page - Micross Components AS8FLC2M32 Datasheet HTML 10Page - Micross Components AS8FLC2M32 Datasheet HTML 11Page - Micross Components AS8FLC2M32 Datasheet HTML 12Page - Micross Components AS8FLC2M32 Datasheet HTML 13Page - Micross Components AS8FLC2M32 Datasheet HTML 14Page - Micross Components AS8FLC2M32 Datasheet HTML 15Page - Micross Components AS8FLC2M32 Datasheet HTML 16Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
12
ERASING sectors, since the codes are not stored in the memory
Array. When the device exits the Autoselect mode, the device
reverts to the ERASE SUSPEND mode, and is ready for another
valid operation.
The system must WRITE the ERASE RESUME command to
exit the ERASE SUSPEND mode and continue the SECTOR
ERASE operation. Further WRITES of the RESUME com-
mand are ignored. Another ERASE SUSPEND command can
be WRITTEN after the device has resumed ERASING.
Erase Operation Diagram
Write Operation Status
The device provides several bits to determine the status of a
write operation: DQ2, DQ3, DQ5, DQ6 and DQ7 of Byte 1;
DQ10, DQ11, DQ13, DQ14 and DQ15 of Byte 2; DQ18, DQ19,
DQ21, DQ22 and DQ23 of Byte 3; as well as, DQ26, DQ27,
DQ29, DQ30 and DQ31 of Byte 4.
DQ7, DQ15, DQ23 and DQ31: Data\ Polling
The Data\ Polling bit per byte, indicates to the host system
whether an Embedded Algorithm is in progress or completed,
or whether the device is in ERASE SUSPEND. Data\ Polling
is valid after the rising edge of the final WEx\ pulse in the
PROGRAM or ERASE command sequence.
During the Embedded Program Algorithm, the device outputs on
DQ7 for Byte 1, DQ15 for Byte 2, DQ23 for Byte 3, and DQ31
for Byte 4, the complement of the datum programmed to each
of these bits. This status also applies to the PROGRAMMING
during ERASE SUSPEND. When the Embedded Program
Algorithm is complete, the device outputs the datum
PROGRAMMED into each of these status bits. The system
must provide the PROGRAM address to READ valid status
information. If a PROGRAM address fails within a protected
sector, Data\ Polling is active for approximately 1uS, then the
device returns to reading array data.
During the Embedded Erase Algorithm, Data\ Polling produces
a “0” on the Data\ Polling Status bits. When the Embedded
ERASE Algorithm is complete, or if the device enters the
ERASE SUSPEND mode, Data\ Polling produces a “1” on
each of the Data\ Polling status bits. This is analogous to the
complement/true data output described for the Embedded
Program Algorithm: the ERASE function changes all the
bits in a sector to “1”; prior to this, the device outputs the
“compliment”, or “0”. The system must provide an address
within any of the sectors selected for ERASURE to READ
valid status information.
After an ERASE Command sequence is WRITTEN, if all
s4ctors selected for erasing are protected, Data\ Polling is
active for approximately 100uS, then the device returns to
READING array data. If not all selected sectors are protected,
the Embedded ERASE Algorithm ERASES the unprotected
sectors, and ignores the selected sectors that are protected.
When the system detects a Data\ Polling status bit has changed
from the complement to true data, it can READ valid data
at each of the Bytes on the following READ cycles. This is
because
Data\ Polling Algorithm Diagram
READ Byte Data
Address = VA
Start
DQ5, DQ13,
DQ21,
DQ29=1?
NO
YES
DQ7, DQ15,
DQ23, DQ31=
Data?
NO
YES
READ Byte Data
Address = VA
DQ7, DQ15,
DQ23, DQ31=
Data?
NO
YES
PASS
FAIL
Write ERASE
Command
Sequence
Data Poll from
System
ERASURE
Completed
Start
Data = FFh?
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com