Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8FLC2M32 Datasheet(PDF) 11 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 11 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 7Page - Micross Components AS8FLC2M32 Datasheet HTML 8Page - Micross Components AS8FLC2M32 Datasheet HTML 9Page - Micross Components AS8FLC2M32 Datasheet HTML 10Page - Micross Components AS8FLC2M32 Datasheet HTML 11Page - Micross Components AS8FLC2M32 Datasheet HTML 12Page - Micross Components AS8FLC2M32 Datasheet HTML 13Page - Micross Components AS8FLC2M32 Datasheet HTML 14Page - Micross Components AS8FLC2M32 Datasheet HTML 15Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
11
When the Embedded Erase Algorithm is complete, the device
returns to READING Array data and addresses are no longer
latched. The system can determine the status of the ERASE
operation by using DQ2, DQ6, and DQ7 of Byte 1; DQ10, DQ14
and DQ15 of Byte 2; DQ18, DQ22 and DQ23 of Byte 3 as well
as DQ26, DQ30 and DQ31 of Byte 4.
Erase Suspend/Erase Resume Commands
The ERASE SUSPEND command allows the system to interrupt
a SECTOR ERASE operation and then READ data from, or
PROGRAM data to, any sector not selected for ERASURE. This
command is valid only during the SECTOR ERASE command
sequence. The ERASE SUSPEND command is ignored if
WRITTEN during the CHIP ERASE operation or Embedded
Program algorithm. WRITING the ERASE SUSPEND
command during the SECTOR ERASE time-out immediately
terminates the time-out period and SUSPENDS the ERASE
operation. Addresses are “don’t-cares” when WRITING the
ERASE SUSPEND command.
When the ERASE command is WRITTEN during a SECTOR
ERASE operation, the device requires a maximum of 20us to
SUSPEND the ERASE operation. However, when the ERASE
SUSPEND command is WRITTEN during the SECTOR ERASE
time-out, the device immediately terminates the time-out period
and SUSPENDS the ERASE operation.
After the ERASE operation has been SUSPENDED, the system
can READ Array data from or PROGRAM data to any sector not
selected for ERASURE. Normal READ and WRITE timings and
command definitions apply. READING at any Address within
ERASE-SUSPENDED sectors produces status data on three DQ
pins within each Byte. DQ2, DQ6, and DQ7 of Byte 1; DQ10,
DQ14 and DQ15 of Byte 2; DQ18, DQ22 and DQ23 of Byte 3
as well as DQ26, DQ30 and DQ31 of Byte 4 to determine if a
sector is actively ERASING or is ERASE-SUSPENDED.
After and ERASE-SUSPENDED program operation is complete,
the system can once again READ from or WRITE to within non-
suspended sectors. The system can determine the status of the
PROGRAM operation using the DQ6, 7 bits of Byte 1; DQ14,
15 of Byte 2; DQ22, 23 of Byte 3 and DQ30, 31 of Byte 4; just
as in the standard PROGRAM operation.
The system may also write the auto select command sequence
when the device is in the ERASE SUSPEND mode. The device
allows READING autoselect codes even at addresses within
Any commands WRITTEN to the chip during the Embedded
ERASE operation are ignored. Note that a HARDWARE
RESET during the chip erase operation immediately terminates
the operation. The CHIP ERASE command sequence should
be reinitiated once the device has returned to READING Array
data, to ensure data integrity.
The system can determine the status of the erase operation
by using byte data from each of the four bytes. When the
Embedded ERASE Algorithm is complete, the device returns to
READING Array data and Addresses are no longer latched.
Sector Erase Command Sequence
SECTOR ERASE is a six-bus cycle operation. The SECTOR
ERASE command sequence is initiated by WRITING two
UNLOCK cycles, followed by a SET-UP command. Two
additional UNLOCK WRITE cycles are then followed by the
address of the sector to be ERASED, and the SECTOR ERASE
command.
The device does not require the system to PREPROGRAM the
memory prior to ERASE. The Embedded ERASE Algorithm
automatically PROGRAMS and verifies the sector for an all
zero data pattern prior to electrical ERASE. The system is
not required to provide any controls or timings during these
operations.
After the command sequence is WRITTEN, a SECTOR ERASE
time-out of 50uS begins. During the time-out period, additional
Sector Addresses and SECTOR ERASE commands may be
WRITTEN. Loading the SECTOR ERASE buffer may be
done in any sequence and the number of sectors may be from
one sector to all sectors. The time between these additional
cycles must be less than 50uS, otherwise the last address and
command might not be accepted, and erasure may begin. It
is recommended that processor interrupts be disabled during
this time to ensure all commands are accepted. The interrupts
can be re-enabled after the last SECTOR ERASE command is
WRITTEN. If the time between additional SECTOR ERASE
commands can be assumed to be less than 50uS, the system
need not monitor DQ3, DQ11, DQ19 or DQ27 to determine
if the SECTOR ERASE has timed out. The time-out begins
from the rising edge of the final WEx\ pulse in the command
sequence.
Once the SECTOR ERASE operation has begun, only the
ERASE SUSPEND command is valid. All other commands
are ignored. Note that a HARDWARE RESET during the
SECTOR ERASE operation immediately terminates the op-
eration. The SECTOR ERASE command sequence should be
reinitiated once



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com