| Electronic Components Datasheet Search |
|
LPC18S50 Datasheet(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC18S50 Datasheet(HTML) 35 Page - NXP Semiconductors |
|
35 / 151 page ![]() LPC18S50_S30_S10 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 1 — 23 February 2015 35 of 151 NXP Semiconductors LPC18S50/S30/S10 32-bit ARM Cortex-M3 microcontroller P9_2 N8 M6 - - [2] N; PU I/O GPIO4[14] — General purpose digital input/output pin. O MCOB2 — Motor control PWM channel 2, output B. - R — Function reserved. - R — Function reserved. I/O I2S0_TX_SDA — I2S transmit data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. I ENET_RXD3 — Ethernet receive data 3 (MII interface). - R — Function reserved. I/O SSP0_MOSI — Master Out Slave in for SSP0. P9_3 M6 P5 - - [2] N; PU I/O GPIO4[15] — General purpose digital input/output pin. O MCOA0 — Motor control PWM channel 0, output A. O USB1_IND1 — USB1 Port indicator LED control output 1. - R — Function reserved. - R — Function reserved. I ENET_RXD2 — Ethernet receive data 2 (MII interface). - R — Function reserved. O U3_TXD — Transmitter output for USART3. P9_4 N10 M8 - - [2] N; PU - R — Function reserved. O MCOB0 — Motor control PWM channel 0, output B. O USB1_IND0 — USB1 Port indicator LED control output 0. - R — Function reserved. I/O GPIO5[17] — General purpose digital input/output pin. O ENET_TXD2 — Ethernet transmit data 2 (MII interface). - R — Function reserved. I U3_RXD — Receiver input for USART3. P9_5 M9 L7 - 69 [2] N; PU - R — Function reserved. O MCOA1 — Motor control PWM channel 1, output A. O USB1_PPWR — VBUS drive signal (towards external charge pump or power management unit); indicates that VBUS must be driven (active HIGH). Add a pull-down resistor to disable the power switch at reset. This signal has opposite polarity compared to the USB_PPWR used on other NXP LPC parts. - R — Function reserved. I/O GPIO5[18] — General purpose digital input/output pin. O ENET_TXD3 — Ethernet transmit data 3 (MII interface). - R — Function reserved. O U0_TXD — Transmitter output for USART0. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |