Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC18S50 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC18S50 Datasheet HTML 1Page - NXP Semiconductors LPC18S50 Datasheet HTML 2Page - NXP Semiconductors LPC18S50 Datasheet HTML 3Page - NXP Semiconductors LPC18S50 Datasheet HTML 4Page - NXP Semiconductors LPC18S50 Datasheet HTML 5Page - NXP Semiconductors LPC18S50 Datasheet HTML 6Page - NXP Semiconductors LPC18S50 Datasheet HTML 7Page - NXP Semiconductors LPC18S50 Datasheet HTML 8Page - NXP Semiconductors LPC18S50 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 151 page
background image
1.
General description
The LPC18S50/S30/S10 are ARM Cortex-M3 based microcontrollers with security
features for embedded applications. The ARM Cortex-M3 is a next generation core that
offers system enhancements such as low power consumption, enhanced debug features,
and a high level of support block integration.
The LPC18S50/S30/S10 operate at CPU frequencies of up to 180 MHz. The ARM
Cortex-M3 CPU incorporates a 3-stage pipeline and uses a Harvard architecture with
separate local instruction and data buses as well as a third bus for peripherals. The ARM
Cortex-M3 CPU also includes an internal prefetch unit that supports speculative
branching.
The LPC18S50/S30/S10 include up to 200 kB of on-chip SRAM, security features with
AES engine, a quad SPI Flash Interface (SPIFI), a State Configurable Timer/PWM
(SCTimer/PWM) subsystem, two High-speed USB controllers, Ethernet, LCD, an external
memory controller, and multiple digital and analog peripherals.
See Section 17 “References” for additional documentation.
2.
Features and benefits
Processor core
ARM Cortex-M3 processor, running at frequencies of up to 180 MHz.
ARM Cortex-M3 built-in Memory Protection Unit (MPU) supporting eight regions.
ARM Cortex-M3 built-in Nested Vectored Interrupt Controller (NVIC).
Non-maskable Interrupt (NMI) input.
JTAG and Serial Wire Debug, serial trace, eight breakpoints, and four watch points.
Enhanced Trace Module (ETM) and Enhanced Trace Buffer (ETB) support.
System tick timer.
On-chip memory
200 kB SRAM for code and data use.
Multiple SRAM blocks with separate bus access.
64 kB ROM containing boot code and on-chip software drivers.
64 bit One-Time Programmable (OTP) memory for general-purpose use.
Two banks (256 bit total) One-Time Programmable (OTP) memory for AES key
storage One bank can store an encrypted key for decoding the boot image.
AES engine for encryption and decryption of the boot image and data with DMA
support and programmable via a ROM-based API.
Clock generation unit
LPC18S50/S30/S10
32-bit ARM Cortex-M3 flashless MCU with security features;
up to 200 kB SRAM; Ethernet, two HS USB, LCD, EMC, AES
Rev. 1 — 23 February 2015
Product data sheet


Similar Part No. - LPC18S50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC18S57JBD208 NXP-LPC18S57JBD208 Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC18S57JBD208 NXP-LPC18S57JBD208 Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.2 - 9 March 2016
LPC18S57JET256 NXP-LPC18S57JET256 Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC18S57JET256 NXP-LPC18S57JET256 Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.2 - 9 March 2016
LPC18S57JET256E NXP-LPC18S57JET256E Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.2 - 9 March 2016
More results

Similar Description - LPC18S50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
fujitsu semiconductor
MB9BF500 FUJITSU-MB9BF500 Datasheet
784Kb / 4P
32-bit MCUs with ARM Cortex-M3 Core
logo
NXP Semiconductors
LPC178X NXP-LPC178X Datasheet
1Mb / 117P
32-bit ARM Cortex-M3 microcontroller
Rev. 2-27 May 2011
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251 Datasheet
851Kb / 35P
32-bit Microcontroller with ARM Cortex-M3 Core
May 27, 2011
logo
NXP Semiconductors
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
logo
STMicroelectronics
STM32L152CBT6 STMICROELECTRONICS-STM32L152CBT6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3
07-Feb-2013
STM32L151ZDT6 STMICROELECTRONICS-STM32L151ZDT6 Datasheet
1Mb / 140P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash
01-Feb-2013
logo
NXP Semiconductors
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
LPC43S50 NXP-LPC43S50 Datasheet
7Mb / 156P
32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
Rev. 1.3 - 20 January 2020
logo
GigaDevice Semiconducto...
GD32E230XX GIGADEVICE-GD32E230XX Datasheet
2Mb / 76P
ARM Cortex-M23 32-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com