Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC18S50 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # LPC18S50
Description  32-bit ARM Cortex-M3 flashless MCU with security features
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC18S50 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button LPC18S50 Datasheet HTML 64Page - NXP Semiconductors LPC18S50 Datasheet HTML 65Page - NXP Semiconductors LPC18S50 Datasheet HTML 66Page - NXP Semiconductors LPC18S50 Datasheet HTML 67Page - NXP Semiconductors LPC18S50 Datasheet HTML 68Page - NXP Semiconductors LPC18S50 Datasheet HTML 69Page - NXP Semiconductors LPC18S50 Datasheet HTML 70Page - NXP Semiconductors LPC18S50 Datasheet HTML 71Page - NXP Semiconductors LPC18S50 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 151 page
background image
LPC18S50_S30_S10
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 1 — 23 February 2015
68 of 151
NXP Semiconductors
LPC18S50/S30/S10
32-bit ARM Cortex-M3 microcontroller
• Random number generator (RNG) accessible through AES API.
• Unique ID for each device.
• Decoding of external flash data connected to the quad SPI Flash Interface (SPIFI).
• Secure storage of encryption and decryption keys.
• Support for CMAC hash calculation to authenticate encrypted data.
• AES engine supports the following modes:
– Electronic Code Block (ECB) mode (encryption and decryption) with 128-bit key.
– Cypher Block Chaining (CBC) mode (encryption and decryption) with 128-bit key.
• The AES engine is compliant with the FIPS (Federal Information Processing
Standard) Publication 197, Advanced Encryption Standard (AES).
• Random Number Generator (RNG) is supported by the AES API and passes the
following tests:
– diehard
– FIPS_140-1
– NIST
• Data is processed in little endian mode. This means that the first byte read from flash
is integrated into the AES codeword as least significant byte. The 16th byte read from
flash is the most significant byte of the first AES codeword.
• AES peak engine performance of 0.5 byte/clock cycle.
• DMA transfers supported through the GPDMA.
7.13.2 State Configurable Timer (SCTimer/PWM) subsystem
The SCTimer/PWM allows a wide variety of timing, counting, output modulation, and input
capture operations. The inputs and outputs of the SCTimer/PWM are shared with the
capture and match inputs/outputs of the 32-bit general-purpose counter/timers.
The SCTimer/PWM can be configured as two 16-bit counters or a unified 32-bit counter. In
the two-counter case, in addition to the counter value the following operational elements
are independent for each half:
• State variable
• Limit, halt, stop, and start conditions
• Values of Match/Capture registers, plus reload or capture control values
In the two-counter case, the following operational elements are global to the
SCTimer/PWM, but the last three can use match conditions from either counter:
• Clock selection
• Inputs
• Events
• Outputs
• Interrupts
7.13.2.1
Features
• Two 16-bit counters or one 32-bit counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com