Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87311A Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311A
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311A Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button PC87311A Datasheet HTML 29Page - National Semiconductor (TI) PC87311A Datasheet HTML 30Page - National Semiconductor (TI) PC87311A Datasheet HTML 31Page - National Semiconductor (TI) PC87311A Datasheet HTML 32Page - National Semiconductor (TI) PC87311A Datasheet HTML 33Page - National Semiconductor (TI) PC87311A Datasheet HTML 34Page - National Semiconductor (TI) PC87311A Datasheet HTML 35Page - National Semiconductor (TI) PC87311A Datasheet HTML 36Page - National Semiconductor (TI) PC87311A Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
40 FDC Command Set Description (Continued)
R255
Recalibrate Step Pulses The bit will determine the
maximum number of recalibrate step pulses the controller
will issue before terminating with an error Default after a
software reset
 0 e 85 maximum recalibrate step pulses If ETR e 1
controller will issue 3925 recalibrate step pulses max-
imum
1 e
255 maximum recalibrate step pulses If ETR e 1
controller will issue 4095 maximum recalibrate step
pulses
DENSEL
Density Select Pin Configuration This two bit val-
ue will configure the Density Select output to one of three
possible modes
The default mode will configure the
DENSEL pin according to the state of the IDENT input pin
after a data rate has been selected That is if IDENT is high
the DENSEL pin is active high for the 500 kbs1 Mbs data
rates If IDENT is low the DENSEL pin is active low for the
500 kbs1 Mbs data rates In addition to these modes the
DENSEL output can be set to always low or always high as
shown in Table 4-2 This will allow the user more flexibility
with new drive types
TABLE 4-2 DENSEL Encoding
Bit 1
Bit 0
DENSEL
Pin Definition
0
0
Pin Low
0
1
Pin High
1
0
Undefined
1
1
DEFAULT
TABLE 4-3 DENSEL Default Encoding
Data Rate
DENSEL (default)
IDENT e 1
IDENT e 0
250 kbs
Low
High
300 kbs
Low
High
500 kbs
High
Low
1 Mbs
High
Low
BFR
CMOS Disk Interface Buffer Enable
 0 e Drive output signals configured as standard 4 mA
push-pull outputs (actually 40 mA sink 4 mA source)
(default)
1 e
Drive output signals configured as 40 mA open-drain
outputs
WLD
Scan Wild Card
 0 e An FF (hex) from either the mP or the disk during a
Scan command is interpreted as a wildcard character
that will always match true (default)
1 e
The Scan commands do not recognize FF (hex) as a
wildcard character
Head Settle
Time allowed for readwrite head to settle af-
ter a seek during an Implied Seek operation This is con-
trolled as shown in table in next column by loading a 4-bit
value for N (the default value for N is 8)
Data Rate
Multiplier
Head Settle
kbitss
4 Bits
Time (ms)
250
N c 8
0 – 120
300
N c 6666
0 – 100
500
N c 4
0–60
1000
N c 2
0–30
RG
Read Gate Diagnostic
 0 e Enable DSKCHG disk interface input for normal oper-
ation (default)
1 e
Enable DSKCHG to act as an external Read Gate
input signal to the Data Separator This is intended as
a test mode to aid in evaluation of the Data Separa-
tor
PU
PUMP Pulse Output Diagnostic
 0 e Enable MFM output pin for normal operation
(default)
1 e
Enable the MFM output to act as the active low out-
put of the Data Separator charge pump This signal
consists of a series of pulses indicating when the
phase comparator is making a phase correction This
Pump output will be active low for a pump up or pump
down signal from the phase comparator and is in-
tended as a test mode to aid in the evaluation of the
Data Separator
427 NSC Command
The NSC command can be used to distinguish between the
FDC versions and the 82077 The Result Phase byte
uniquely identifies the floppy controller as a PC87311A12
which returns a value of 72h The 82077 and DP8473 return
a value of 80h signifying an invalid command The lower
four bits of this result byte are subject to change by NSC
and will reflect the particular version of the floppy disk con-
troller part
428 Perpendicular Mode Command
The Perpendicular Mode command is designed to support
the unique Format and Write Data requirements of Perpen-
dicular (Vertical) Recording disk drives (4 Mbytes unformat-
ted capacity) The Perpendicular Mode command will con-
figure each of the four logical drives as a perpendicular or
conventional disk drive Configuration of the four logical disk
drives is done via the D3 – D0 bits or with the GAP and WG
control bits This command should be issued during the ini-
tialization of the floppy controller
Perpendicular Recording drives operate in ‘‘Extra High Den-
sity’’ mode at 1 Mbs and are downward compatible with
144 Mbyte and 720 kbyte drives at 500 kbs (High Density)
and 250 kbs (Double Density) respectively If perpendicular
drives are present in the system this command should be
issued during initialization of the floppy controller which will
configure each drive as perpendicular or conventional
Then when a drive is accessed for a Format or Write Data
command the floppy controller will adjust the Format or
Write Data parameters based on the data rate (see Table
4-4)
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com