Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87311A Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311A
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311A Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button PC87311A Datasheet HTML 49Page - National Semiconductor (TI) PC87311A Datasheet HTML 50Page - National Semiconductor (TI) PC87311A Datasheet HTML 51Page - National Semiconductor (TI) PC87311A Datasheet HTML 52Page - National Semiconductor (TI) PC87311A Datasheet HTML 53Page - National Semiconductor (TI) PC87311A Datasheet HTML 54Page - National Semiconductor (TI) PC87311A Datasheet HTML 55Page - National Semiconductor (TI) PC87311A Datasheet HTML 56Page - National Semiconductor (TI) PC87311A Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
60 Serial Ports (Continued)
Bit 3
This bit enables the interrupt when set No exter-
nal pin is associated with this bit In Local Loop-
back Mode this bit controls bit 7 of the MODEM
Status Register
Bit 4
This bit provides a Local loopback feature for diag-
nostic testing of the UART When bit 4 is set to
logic 1 the following occur the transmitter Serial
Output (SOUT) is set to the Marking (logic 1) state
the receiver Serial Input (SIN) is disconnected the
output of the Transmitter Shift Register is ‘‘looped
back’’ (connected) to the Receiver Shift Register
the four MODEM Control inputs (DSR CTS RI
and DCD) are disconnected and the DTR RTS
OUT1 IRQ ENABLE bits in MCR are internally
connected to DSR CTS RI and DCD in MSR re-
spectively When operating in the AT mode the
MODEM Control output pins are forced to their
high (inactive) states When operating in the XT
mode the Modem Control output pins remain con-
nected to their corresponding bits in the MCR In
the Loopback Mode data that is transmitted is im-
mediately received This feature allows the proc-
essor to verify the transmit-and-received-data
paths of the serial port
In the Loopback Mode the receiver and transmit-
ter interrupts are fully operational The MODEM
Status Interrupts are also operational but the in-
terrupts’ sources are the lower four bits of MCR
instead of the four MODEM control inputs Writing
a 1 to any of these 4 MCR bits will cause an inter-
rupt In Loopback Mode the interrupts are still con-
trolled by the Interrupt Enable Register The IRQ3
and 4 pins respond as follows in Loopback mode
(1) If AT mode is set (see XTSEL pin) then the
IRQ3 and 4 pins are TRI-STATE If XT mode is set
then the IRQ3 and 4 pins will be TRI-STATE only if
the MCR3 bit is low
Bits 5 – 7
These bits are permanently set to logic 0
628 Modem Status Register (MSR)
This register provides the current state of the control lines
from the MODEM (or peripheral device) to the CPU In addi-
tion to this current-state information four bits of the MO-
DEM Status Register provide change information These
bits are set to a logic 1 whenever a control input from the
MODEM changes state They are reset to logic 0 whenever
the CPU reads the MODEM Status Register Table 6-2
shows the contents of the MSR Details on each bit follow
Bit 0
This bit is the Delta Clear to Send (DCTS) indicator
Bit 0 indicates that the CTS input to the chip has
changed state since the last time it was read by the
CPU
Bit 1
This bit is the Delta Data Set Ready (DDSR) indica-
tor Bit 1 indicates that the DSR input to the chip has
changed state since the last time it was read by the
CPU
Bit 2
This bit is the Trailing Edge of Ring Indicator (TERI)
detector Bit 2 indicates that the RI input to the chip
has changed from a low to a high state
Bit 3
This bit is the Delta Data Carrier Detect (DDCD) in-
dicator Bit 3 indicates that the DCD input to the
chip has changed state
Note
Whenever bit 0 1 2 or 3 is set to logic 1 a MODEM Status
Interrupt is generated
Bit 4
This bit is the complement of the Clear to Send
(CTS) input If bit 4 (loopback) of the MCR is set to a
1 this bit is equivalent to RTS in the MCR
Bit 5
This bit is the complement of the Data Set Ready
(DSR) input If bit 4 of the MCR is set to a 1 this bit
is equivalent to DTR in the MCR
Bit 6
This bit is the complement of the Ring Indicator (RI)
input If bit 4 of the MCR is set to a 1 this bit is
equivalent to OUT1 in the MCR
Bit 7
This bit is the complement of the Data Carrier De-
tect (DCD) input If bit 4 of the MCR is set to a 1 this
bit is equivalent to IRQ ENABLE in the MCR
629 Scratchpad Register (SCR)
This 8-bit ReadWrite Register does not control the UART
in any way It is intended as a scratchpad register to be used
by the programmer to hold data temporarily When operat-
ing in the XT mode this register is unavailable
63 PC87312 SERIAL PORTS
631 Serial Port Registers
Two identical register sets one for each channel are in the
PC87312 All register descriptions in this section apply to
the register sets in both channels
TABLE 6-6 PC87312 UART Register Addresses
(AEN e 0)
DLAB
A2
A1
A0
Selected Register
1
0
0
0
0
Receiver Buffer (Read)
Transmitter Holding (Write)
0
0
0
1
Interrupt Enable
0
0
1
0
Interrupt Identification (Read)
FIFO Control (Write)
X
0
1
1
Line Control
X
1
0
0
MODEM Control
X
1
0
1
Line Status
X
1
1
0
MODEM Status
X
1
1
1
Scratch
1
0
0
0
Divisor Latch
(Least Significant Byte)
1
0
0
1
Divisor Latch
(Most Significant Byte)
632 Line Control Register (LCR)
The system programmer uses the Line Control Register
(LCR) to specify the format of the asynchronous data com-
munications exchange and set the Divisor Latch Access bit
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com