| Electronic Components Datasheet Search |
|
PC87311A Datasheet(PDF) 41 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87311A Datasheet(HTML) 41 Page - National Semiconductor (TI) |
|
41 / 78 page ![]() 50 FDC Functional Description (Continued) DRQ DACK and TC It is through this microprocessor inter- face that the floppy controller receives commands transfers data and returns status information 52 MODES OF OPERATION The FDC has three modes of operation PC-AT mode PS2 mode and Model 30 mode which are determined by the state of the IDENT pin and MFM pin IDENT can be tied directly to VDD or GND The MFM pin must be tied high or low with a 10 kX resistor (there is an internal 40 kX –50 kX resistor on the MFM pin) The state of these pins is interro- gated by the controller during a chip reset to determine the mode of operation See Section 30 Register Description for more details on the register set used for each mode of oper- ation After chip reset the state of IDENT can be changed to change the polarity of DENSEL (see Section 20 Pin De- scription) PC-AT Mode (IDENT tied high MFM is a don’t care) The PC-AT register set is enabled The DMA enable bit in the Digital Output Register becomes valid (IRQ6 and DRQ can be TRI-STATE) TC and DENSEL become active high sig- nals (defaults to a 525 floppy drive) PS2 Mode (IDENT tied low MFM pulled high internally) This mode supports the PS2 Models 506080 configura- tion and register set The DMA enable bit in the Digital Out- put Register becomes a don’t care (IRQ6 and DRQ signals will always be valid) TC and DENSEL become active low signals (default to 35 floppy drive) Model 30 Mode (IDENT tied low MFM pulled low exter- nally) This mode supports the PS2 Model 30 configuration and register set The DMA enable bit in the Digital Output Register becomes valid (IRQ6 and DRQ can be TRI-STATE) TC is active high and DENSEL becomes ac- tive low (default to 35 floppy drive) 53 CONTROLLER PHASES The FDC has three separate phases of a command the Command Phase the Execution Phase and the Result Phase Each of these controller phases will determine how data is transferred between the floppy controller and the host microprocessor In addition when no command is in progress the controller is in the Idle Phase or Drive Polling Phase 531 Command Phase During the Command Phase the mP writes a series of bytes to the Data Register The first command byte contains the opcode for the command and the controller will know how many more bytes to expect based on this opcode byte The remaining command bytes contain the particular parameters required for the command The number of command bytes will vary for each particular command All the command bytes must be written in the order specified in the Command Description Table The Execution Phase starts immediately after the last byte in the Command Phase is written Prior to performing the Command Phase the Digital Output Register should be set and the data rate should be set with the Data Rate Select Register or Configuration Control Register The Main Status Register controls the flow of command bytes and must be polled by the software before writing each Command Phase byte to the Data Register Prior to writing a command byte the RQM bit (D7) must be set and the DIO bit (D6) must be cleared in the MSR After the first command byte is written to the Data Register the CMD PROG bit (D4) will also be set and will remain set until the last Result Phase byte is read If there is no Result Phase the CMD PROG bit will be cleared after the last command byte is written A new command may be initiated after reading all the result bytes from the previous command If the next command requires selecting a different drive or changing the data rate the DOR and DSR or CCR should be updated If the com- mand is the last command then the software should dese- lect the drive Note As a general rule the operation of the controller core is independent of how the mP updates the DOR DSR and CCR The software must ensure that the manipulation of these registers is coordinated with the controller operation 532 Execution Phase During the Execution Phase the disk controller performs the desired command Commands that involve data trans- fers such as read write or format operation will require the m P to write or read data to or from the Data Register at this time Some commands such as a Seek or Recalibrate will control the readwrite head movement on the disk drive dur- ing the Execution Phase via the disk interface signals The execution of other commands does not involve any action by the mP or disk drive and consists of an internal operation by the controller If there is data to be transferred between the mP and the controller during the Execution there are three methods that can be used DMA mode interrupt transfer mode and software polling mode The last two modes are called the Non-DMA modes The DMA mode is used if the system has a DMA controller This allows the mP to do other tasks while the data transfer takes place during the Execution Phase If the Non-DMA mode is used an interrupt is issued for each byte transferred during the Execution Phase Also instead of using the interrupt during Non-DMA mode the Main Status Register can be polled by software to indicate when a byte transfer is required All of these data transfer modes will work with the FIFO enabled or disabled 5321 DMA ModeFIFO Disabled The DMA mode is selected by writinga0tothe DMA bit in the Specify command and by setting the DMA enabled bit (D3) in the DOR With the FIFO disabled a DMA request (DRQ) is generated in the Execution Phase when each byte is ready to be transferred The DMA controller should re- spond to the DRQ with a DMA acknowledge (DACK) and a read or write strobe The DRQ will be cleared by the leading edge of the active low DACK input signal After the last byte is transferred an interrupt is generated indicating the begin- ning of the Result Phase During DMA operations the chip select input (CS) must be held high The DACK signal will act as the chip select for the FIFO in this case and the state of the address lines A2 – A0 is a don’t care The Terminal Count (TC) signal can be asserted by the DMA controller to terminate the data transfer at any time Due to internal gat- ing TC is only recognized when DACK is low PC-AT Mode When in the PC-AT interface mode with the FIFO disabled the controller will be in single byte transfer mode That is the system will have one byte time to service a DMA request (DRQ) from the controller DRQ will be deas- serted between each byte 41 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |