Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87311A Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311A
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311A Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button PC87311A Datasheet HTML 11Page - National Semiconductor (TI) PC87311A Datasheet HTML 12Page - National Semiconductor (TI) PC87311A Datasheet HTML 13Page - National Semiconductor (TI) PC87311A Datasheet HTML 14Page - National Semiconductor (TI) PC87311A Datasheet HTML 15Page - National Semiconductor (TI) PC87311A Datasheet HTML 16Page - National Semiconductor (TI) PC87311A Datasheet HTML 17Page - National Semiconductor (TI) PC87311A Datasheet HTML 18Page - National Semiconductor (TI) PC87311A Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
20 Configuration Registers (Continued)
Bit 3
When this bit is one the FDC can be accessed at the
address specified in FER 5
When this bit is zero ac-
cess to the FDC is blocked and it will be in power
down mode The FDC registers retain all data in power
down mode
Bit 4
When this bit is zero the PC87311A12 can control
two floppy disk drives directly without an external de-
coder When this bit is one the two drive select signals
and two motor enable signals from the FDC are en-
coded so that four floppy disk drives can be controlled
(see Table 2-4) Controlling four FDDs requires an ex-
ternal decoder The pin states shown in Table 2-4 are
a direct result of the bit patterns shown All other bit
patterns produce pin states that should not be decod-
ed to enable any drive or motor
Bit 5
This bit selects the primary or secondary FDC address
in the PC87312 In the PC87311A this bit selects the
primary or secondary FDC address when in the AT
mode In the XT mode it has no significance (see Ta-
ble 2-3)
Bit 6
When this bit is a one the IDE drive interface can be
accessed at the address specified by FER bit 7 When
it is zero access to the IDE interface is blocked the
IDE control signals (ie HCS0 HCS1 IDELO IDEHI)
are held in the inactive state and the IDED7 signal will
be in TRI-STATE
Bit 7
This bit selects the primary or secondary IDE address
in the PC87312 In the PC87311A this bit selects the
primary or secondary IDE address when in the AT
mode In the XT mode it has no significance (see Ta-
ble 2-3)
TABLE 2-3 Primary and Secondary Drive Address Selection
BIT 5
BIT 7
DRIVE
AT
AT
XT (Note)
Primary
Secondary
0
X
FDC
3F0 – 7h
1
X
FDC
370 – 7h
X
X
FDC
3F0 – 7h
X
0
IDE
1F0 – 7 3F6 3F7h
X
1
IDE
170 – 7 376-7h
X
X
IDE
320 – 3h
Note
PC87311A only
TABLE 2-4 Encoded Drive and Motor Pin Information (FER 4 e 1)
Digital Output Reg
Drive Control Pins
Decoded Functions
7
6
5
4
3
2
1
0
MTR1
MTR0
DR1
DR0
XXX
1
X
X
0
0
(Note 1)
0
0
0
Activate Drive 0 and Motor 0
XX
1
X
X
X
0
1
(Note 1)
0
0
1
Activate Drive 1 and Motor 1
X
1
X
X
X
X
1
0
(Note 1)
0
1
0
Activate Drive 2 and Motor 2
1
X
X
X
X
X
1
1
(Note 1)
0
1
1
Activate Drive 3 and Motor 3
XXX
0
X
X
0
0
(Note 1)
1
0
0
Activate Drive 0 and Deactivate Motor 0
XX
0
X
X
X
0
1
(Note 1)
1
0
1
Activate Drive 1 and Deactivate Motor 1
X
0
X
X
X
X
1
0
(Note 1)
1
1
0
Activate Drive 2 and Deactivate Motor 2
0
X
X
X
X
X
1
1
(Note 1)
1
1
1
Activate Drive 3 and Deactivate Motor 3
Note 1
When FER4 e 1 MTR1 will present a pulse that is the inverted image of the IOW strobe This inverted pulse will be active whenever an IO write to
address 3F2h or 372h takes place This pulse is delayed by 25 ns–80 ns after the leading edge of IOW and its leading edge can be used to clock data into an
external latch (eg 74LS175) Address 3F2h will be used if the FDC is located at the primary address (FER5 e 0) and address 372h will be used if the FDC is
located at the secondary address (FER5 e 1) See the AC Electrical Characteristics (Section 92) for detailed timing
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com