| Electronic Components Datasheet Search |
|
PC87311A Datasheet(PDF) 42 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87311A Datasheet(HTML) 42 Page - National Semiconductor (TI) |
|
42 / 78 page ![]() 50 FDC Functional Description (Continued) PS2 and Model 30 Modes When in the PS2 or Model 30 modes DMA transfers with the FIFO disabled are per- formed differently Instead of a single byte transfer mode the FIFO will actually be enabled with THRESH e 0F (hex) Thus DRQ will be asserted when one byte has entered the FIFO during reads and when one byte can be written to the FIFO during writes DRQ will be deasserted by the leading edge of the DACK input and will be reasserted when DACK goes inactive high This operation is very similar to Burst mode transfer with the FIFO enabled except that DRQ is deasserted between each byte 5322 DMA ModeFIFO Enabled Read Data Transfers Whenever the number of bytes in the FIFO is greater than or equal to (16 b THRESH) a DRQ is generated This is the trigger condition for the FIFO read data transfers from the floppy controller to the mP Burst Mode DRQ will remain active until enough bytes have been read from the controller to empty the FIFO Non-Burst Mode DRQ will be deasserted after each read transfer If the FIFO is not completely empty DRQ will be reasserted after a 350 ns delay This will allow other higher priority DMA transfers to take place between floppy trans- fers In addition this mode will allow the controller to work correctly in systems where the DMA controller is put into a read verify mode where only DACK signals are sent to the FDC with no RD pulses This read verify mode of the DMA controller is used in some PC software The FIFO Non-Burst mode allows the DACK input from the DMA controller to be strobed which will correctly clock data from the FIFO For both the Burst and Non-Burst modes when the last byte in the FIFO has been read DRQ will go inactive DRQ will then be reasserted when the FIFO trigger condition is satis- fied After the last byte of a sector has been read from the disk DRQ is again generated even if the FIFO has not yet reached its threshold trigger condition This will guarantee that all the current sector bytes are read from the FIFO before the next sector byte transfer begins Write Data Transfers Whenever the number of bytes in the FIFO is less than or equal to THRESH a DRQ is generated This is the trigger condition for the FIFO write data transfers from the mPto the floppy controller Burst Mode DRQ will remain active until enough bytes have been written to the controller to completely fill the FIFO Non-Burst Mode DRQ will be deasserted after each write transfer If the FIFO is not full yet DRQ will be reasserted after a 350 ns delay This deassertion of DRQ will allow other higher priority DMA transfers to take place between floppy transfers The FIFO has a byte counter which will monitor the number of bytes being transferred to the FIFO during write opera- tions for both Burst and Non-Burst modes When the last byte of a sector is transferred to the FIFO DRQ will be deasserted even if the FIFO has not been completely filled In this way the FIFO will be cleared after each sector is written Only after the floppy controller has determined that another sector is to be written will DRQ be asserted again Also since DRQ is deasserted immediately after the last byte of a sector is written to the FIFO the system does not need to tolerate any DRQ deassertion delay and is free to do other work DRQ Deassertion The DACK input signal from the DMA controller may be held active during an entire burst or it may be strobed for each byte transferred during a read or write operation If DACK is strobed for each byte the leading edge of this strobe is used to deassert DRQ If DACK is strobed RD or WR are not required This is the case during the Read-Verify mode of the DMA controller If DACK is held active during the entire burst the leading edge of the RD or WR strobe is used to deassert DRQ Overrun Errors An overrun or underrun error will terminate the execution of the command if the system does not transfer data within the allotted data transfer time (see Section 37) which will put the controller into the Result Phase During a read overrun the mP is required to read the remaining bytes of the sector before the controller will assert IRQ6 signifying the end of execution During a write operation an underrun error will terminate the Execution Phase after the controller has writ- ten the remaining bytes of the sector with the last correctly written byte to the FIFO and generated the CRC bytes Whether there is an error or not an interrupt is generated at the end of the Execution Phase and is cleared by reading the first Result Phase byte DACK asserted by itself without a RD or WR strobe is also counted as a transfer If RD or WR are not being strobed for each byte then DACK must be strobed for each byte so that the floppy controller can count the number of bytes correct- ly A new command the Verify command has been added to allow easier verification of data written to the disk without the need of actually transferring the data on the data bus 5323 Interrupt ModeFIFO Disabled If the Interrupt (Non-DMA) mode is selected IRQ6 is assert- ed instead of DRQ when each byte is ready to be trans- ferred The Main Status Register should be read to verify that the interrupt is for a data transfer The RQM and NON DMA bits (D7 and D5) in the MSR will be set The interrupt will be cleared when the byte is transferred to or from the Data Register CS and RD or CS and WR must be used to transfer the data in or out of the Data Register (A2 – A0 must be valid) CS asserted by itself is not significant CS must be asserted with RD or WR for a read or write transfer to be recognized The mP should transfer the byte within the data transfer service time (see Section 37) If the byte is not transferred within the time allotted an Overrun Error will be indicated in the Result Phase when the command terminates at the end of the current sector An interrupt will also be generated after the last byte is transferred This indicates the beginning of the Result Phase The RQM and DIO bits (D7 and D6) in the MSR will be set and the NON DMA bit (D5) will be cleared This interrupt is cleared by reading the first result byte 42 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |