Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87311A Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311A
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311A Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button PC87311A Datasheet HTML 43Page - National Semiconductor (TI) PC87311A Datasheet HTML 44Page - National Semiconductor (TI) PC87311A Datasheet HTML 45Page - National Semiconductor (TI) PC87311A Datasheet HTML 46Page - National Semiconductor (TI) PC87311A Datasheet HTML 47Page - National Semiconductor (TI) PC87311A Datasheet HTML 48Page - National Semiconductor (TI) PC87311A Datasheet HTML 49Page - National Semiconductor (TI) PC87311A Datasheet HTML 50Page - National Semiconductor (TI) PC87311A Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
50 FDC Functional Description (Continued)
288M drives since the preamble must be pre-erased be-
fore it is rewritten WGATE should be asserted when the
pre-erase head is located at the beginning of the Data Field
preamble This means that WGATE should be asserted
when the readwrite head is at least 38 bytes (at 1 Mbs)
before the preamble See Table 4-4 for a description of the
WGATE timing for perpendicular drives at the various data
rates
Because of the 38 byte spacing between the readwrite
head and the pre-erase head at 2 Mbs the GAP2 length of
22 bytes used in the standard IBM disk format is not long
enough There is a new format standard for 288M drives at
1 Mbs called the Perpendicular Format which increases
the GAP2 length to 41 bytes (see
Figure 4-1 )
The Perpendicular Mode command will put the floppy con-
troller into perpendicular recording mode which allows it to
read and write perpendicular media Once this command is
invoked the read write and format commands can be exe-
cuted in the normal manner The perpendicular mode of the
floppy controller will work at all data rates adjusting the
format and write data parameters accordingly See Section
428 for more details
57 DATA RATE SELECTION
The data rate can be chosen two different ways with the
FDC For PC compatible software the Configuration Control
Register at address 3F7 (hex) is used to program the data
rate for the floppy controller The lower bits D1 and D0 are
used in the CCR to set the data rate The other bits should
be set to zero See Table 3-6 for the data rate select encod-
ing
The data rate can also be set using the Data Rate Select
Register at address 4 Again the lower two bits of the regis-
ter are used to set the data rate The encoding of these bits
is exactly the same as those in the CCR The remainder of
the bits in the DSR are used for other functions Consult the
Register Description (Section 51) for more details
The data rate is determined by the last value that is written
to either the CCR or the DSR In other words either the
CCR or the DSR can override the data rate selection of the
other register When the data rate is selected the micro-
engine and data separator clocks are scaled appropriately
Also the DRATE0 and DRATE1 output pins will reflect the
state of the data select bits that were last written to either
the CCR or the DSR
58 WRITE PRECOMPENSATION
Write precompensation is a way of preconditioning the
WDATA output signal to adjust for the effects of bit shift on
the data as it is written to the disk surface Bit shift is caused
by the magnetic interaction of data bits as they are written
to the disk surface and has the effect of shifting these data
bits away from their nominal position in the serial MFM or
FM data pattern Data that is subject to bit shift is much
harder to read by a data separator and can cause soft read
errors Write precompensation predicts where bit shift could
occur within a data pattern It then shifts the individual data
bits early late or not at all such that when they are written
to the disk the resultant shifted data bits will be back in their
nominal position
The FDC supports software programmable write precom-
pensation Upon power up the default write precomp values
will be used (see Table 3-5) The programmer can choose a
different value of write precomp with the DSR register if
desired (see Table 3-4) Also on power up the default start-
ing track number for write precomp is track zero This start-
ing track number for write precomp can be changed with the
Configure command
59 FDC LOW POWER MODE LOGIC
The FDC section of the PC87311A12 supports two low
power modes described here in detail Other low power
modes of the PC87311A12 described in Section 26 are
covered below and in section 36 and 426 The microcode
is driven from the clock so it will be disabled while the clock
is off The FDC clock is always disabled upon entering this
mode however the oscillator is only disabled when PTR1
e
1 Upon entering the power down state the RQM (Re-
quest For Master) bit in the MSR will be cleared
There are two modes of low power in the floppy controller
manual low power and automatic low power Manual low
power is enabled by writinga1tobit6ofthe DSR The chip
will go into low power immediately This bit will be cleared to
0 after the chip is brought out of low power Manual low
power can also be accessed via the Mode command The
function of the manual low power mode is a logical OR func-
tion between the DSR low power bit and the Mode com-
mand manual low power bit setting
Automatic low power mode will switch the controller into low
power 500 ms (at the 500 kbs MFM data rate) after it has
entered the idle state Once the auto low power mode is set
it does not have to be set again and the controller will auto-
matically go into low power mode after it has entered the
idle state Automatic low power mode can only be set with
the Mode command
There are two ways the FDC section can recover from the
power down state The part will power up after a software
reset via the DOR or DSR Since a software reset requires
reinitialization of the controller this method can be undesir-
able The part will also power up after a read or write to
either the Data Register or Main Status Register This is the
preferred method of power up since all internal register val-
ues are retained It may take a few milliseconds for the os-
cillator to stabilize and the mP will be prevented from issu-
ing commands during this time through the normal Main
Status Register protocol That is the RQM bit in the MSR
will be a 0 until the oscillator has stabilized When the con-
troller has completely stabilized from power up the RQM bit
in the MSR is set to 1 and the controller can continue where
it left off
The Data Rate Select Digital Output and Configuration
Control Registers are unaffected by the power down mode
They will remain active It is up to the user to ensure that the
Motor and Drive Select signals are turned off
Note
If the power to an external oscillator driving the PC87311A12 is to be
independently removed during the FDC low power mode it must not
be done until 2 ms after the FDC low power command is issued
510 RESET OPERATION
The floppy controller can be reset by hardware or software
Hardware reset is enacted by pulsing the Master Reset in-
put pin A hardware reset will set all of the user addressable
registers and internal registers to their default values The
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com