Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87311A Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311A
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311A Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button PC87311A Datasheet HTML 62Page - National Semiconductor (TI) PC87311A Datasheet HTML 63Page - National Semiconductor (TI) PC87311A Datasheet HTML 64Page - National Semiconductor (TI) PC87311A Datasheet HTML 65Page - National Semiconductor (TI) PC87311A Datasheet HTML 66Page - National Semiconductor (TI) PC87311A Datasheet HTML 67Page - National Semiconductor (TI) PC87311A Datasheet HTML 68Page - National Semiconductor (TI) PC87311A Datasheet HTML 69Page - National Semiconductor (TI) PC87311A Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 78 page
background image
90 Device Description (Continued)
TLF11362 – 19
FIGURE 9-3 Microprocessor Write Timing
924 Baudout Timing
Symbol
Parameter
Conditions
Min
Max
Units
N
Baud Divisor
1
65535
ns
tBHD
Baud Output Positive Edge Delay
CLK e 24 MHz2 100 pF Load
56
ns
tBLD
Baud Output Negative Edge Delay
CLK e 24 MHz2 100 pF Load
56
ns
TLF11362 – 20
FIGURE 9-4 Baudout Timing
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com