Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87311A Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311A
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311A Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button PC87311A Datasheet HTML 48Page - National Semiconductor (TI) PC87311A Datasheet HTML 49Page - National Semiconductor (TI) PC87311A Datasheet HTML 50Page - National Semiconductor (TI) PC87311A Datasheet HTML 51Page - National Semiconductor (TI) PC87311A Datasheet HTML 52Page - National Semiconductor (TI) PC87311A Datasheet HTML 53Page - National Semiconductor (TI) PC87311A Datasheet HTML 54Page - National Semiconductor (TI) PC87311A Datasheet HTML 55Page - National Semiconductor (TI) PC87311A Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
60 Serial Ports (Continued)
Bit 7
This bit is permanently set to logic 0
Note
The Line Status Register is intended for read operations
only Writing to this register is not recommended as this
operation is only used for factory testing
625 Interrupt Identification Register (IIR)
In order to provide minimum software overhead during data
character transfers the UART prioritizes interrupts into four
levels and records these in the Interrupt Identification Reg-
ister The four levels of interrupt conditions in order of priori-
ty are Receiver Line Status Received Data Ready Trans-
mitter Holding Register Empty and MODEM Status
When the CPU accesses the IIR the UART freezes all inter-
rupts and indicates the highest priority pending interrupt to
the CPU While this CPU access is occurring the UART
records new interrupts but does not change its current indi-
cation until the current access is complete Table 6-2 shows
the contents of the IIR Details on each bit follow
Bit 0
This bit can be used in an interrupt environment to
indicate whether an interrupt condition is pending
When bit 0 is a logic 0 an interrupt is pending and
the IIR contents may be used as a pointer to the
appropriate interrupt service routine When bit 0 is
a logic 1 no interrupt is pending
Bits 1 2
These two bits of the IIR are used to identify the
highest priority interrupt pending as indicated in
Table 6-5
Bits 3 – 7
These five bits of the IIR are always logic
626 Interrupt Enable Register (IER)
This register enables the four types of UART interrupts
Each interrupt can individually activate the appropriate inter-
rupt (IRQ3 or IRQ4) output signal It is possible to totally
disable the interrupt system by resetting bits 0 through 3 of
the Interrupt Enable Register (IER) Similarly setting bits of
this register to a logic 1 enables the selected interrupt(s)
Disabling an interrupt prevents it from being indicated as
active in the IIR and from activating the interrupt output sig-
nal All other system functions operate in their normal man-
ner including the setting of the Line Status and MODEM
Status Registers Table 6-2 shows the contents of the IER
Details on each bit follow See MODEM Control Register bit
3 for more information on enabling the interrupt pin
Bit 0
This bit enables the Received Data Available Inter-
rupt when set to logic 1
Bit 1
This bit enables the Transmitter Holding Register
Empty Interrupt when set to logic 1
Bit 2
This bit enables the Receiver Line Status Interrupt
when set to logic 1
Bit 3
This bit enables the MODEM Status Interrupt
when set to logic 1
Bits 4 – 7
These four bits are always logic 0
627 Modem Control Register (MCR)
This register controls the interface with the MODEM or data
set (or a peripheral device emulating a MODEM) The con-
tents of the MODEM Control Register (MCR) are indicated
in Table 6-2 and are described below
Bit 0
This bit controls the Data Terminal Ready (DTR)
output When bit 0 is set to a logic 1 the DTR
output is forced to a logic 0 When bit 0 is reset to
a logic 0 the DTR output is forced to a logic 1 In
Local Loopback Mode this bit controls bit 5 of the
MODEM Status Register
Note
The DTR and RTS output of the UART may be applied to
an EIA inverting line driver (such as the DS1488) to ob-
tain the proper polarity input at the MODEM or data set
Bit 1
This bit controls the Request to Send (RTS) out-
put Bit 1 affects the RTS output in a manner iden-
tical to that described above for bit 0 In Local
Loopback Mode this bit controls bit 4 of the
MODEM Status Register
Bit 2
This bit is the OUT1 bit It does not have an output
pin associated with it It can be written to and read
by the CPU In Local Loopback Mode this bit con-
trols bit 6 of the MODEM Status Register
TABLE 6-5 PC87311A Interrupt Control Functions
Interrupt Identification
Interrupt Set and Reset Functions
Register
Bit 2
Bit 1
Bit 0
Priority
Interrupt Type
Interrupt Source
Interrupt Reset Control
Level
0
0
1
None
None
1
1
0
Highest
Receiver Line Status
Overrun Error Parity Error
Reading the Line
Framing Error or Break
Status Register
Interrupt
1
0
0
Second
Received Data Available
Receiver Data Available
Read Receiver Buffer
0
1
0
Third
Transmitter Holding
Transmitter Holding
Reading the IIR Register
Register Empty
Register Empty
(if Source of Interrupt) or
Writing the Transmitter
Holding Register
0
0
0
Fourth
MODEM Status
Clear to Send or Data Set
Reading the MODEM
Ready or Ring Indicator
Status Register
or Data Carrier Detect
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com