Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5416 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 28Page - Texas Instruments TMS320VC5416 Datasheet HTML 29Page - Texas Instruments TMS320VC5416 Datasheet HTML 30Page - Texas Instruments TMS320VC5416 Datasheet HTML 31Page - Texas Instruments TMS320VC5416 Datasheet HTML 32Page - Texas Instruments TMS320VC5416 Datasheet HTML 33Page - Texas Instruments TMS320VC5416 Datasheet HTML 34Page - Texas Instruments TMS320VC5416 Datasheet HTML 35Page - Texas Instruments TMS320VC5416 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
3.9
Hardware Timer
3.10 Clock Generator
TMS320VC5416
Fixed-Point Digital Signal Processor
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
www.ti.com
The selection of sample rate input clock is made by the combination of the CLKSM (bit 13 in SRGR2) bit
value and the SCLKME bit value as shown in Table 3-7.
Table 3-7. Sample Rate Input Clock Selection
SCLKME
CLKSM
SAMPLE RATE CLOCK MODE
0
0
Reserved (CLKS pin unavailable)
0
1
CPU clock
1
0
BCLKR
1
1
BCLKX
When the SCLKME bit is cleared to 0, the CLKSM bit is used, as before, to select either the CPU clock or
the CLKS pin (not bonded out on the device package) as the sample rate input clock. Setting the
SCLKME bit to 1 enables the CLKSM bit to select between the BCLKR pin or BCLKX pin for the sample
rate input clock.
When either the BCLKR or CLKX is configured this way, the output buffer for the selected pin is
automatically disabled. For example, with SCLKME = 1 and CLKSM = 0, the BCLKR pin is configured as
the input of the sample rate generator. Both the transmitter and receiver circuits can be synchronized to
the sample rate generator output by setting the CLKXM and CLKRM bits of the pin configuration register
(PCR) to 1. Note that the sample rate generator output will only be driven on the BCLKX pin since the
BCLKR output buffer is automatically disabled.
The McBSP is fully static and operates at arbitrary low clock frequencies. For maximum operating
frequency, see Section 5.5.10.
The device features a 16-bit timing circuit with a 4-bit prescaler. The timer counter is decremented by one
every CLKOUT cycle. Each time the counter decrements to 0, a timer interrupt is generated. The timer
can be stopped, restarted, reset, or disabled by specific status bits.
The clock generator provides clocks to the device, and consists of a phase-locked loop (PLL) circuit. The
clock generator requires a reference clock input, which can be provided from an external clock source.
The reference clock input is then divided by two (DIV mode) to generate clocks for the device, or the PLL
circuit can be used (PLL mode) to generate the device clock by multiplying the reference clock frequency
by a scale factor, allowing use of a clock source with a lower frequency than that of the CPU. The PLL is
an adaptive circuit that, once synchronized, locks onto and tracks an input clock signal.
When the PLL is initially started, it enters a transitional mode during which the PLL acquires lock with the
input signal. Once the PLL is locked, it continues to track and maintain synchronization with the input
signal. Then, other internal clock circuitry allows the synthesis of new clock frequencies for use as master
clock for the device.
32
Functional Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com