Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5416 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5416
Description  Fixed-Point Digital Signal Processor
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5416 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320VC5416 Datasheet HTML 5Page - Texas Instruments TMS320VC5416 Datasheet HTML 6Page - Texas Instruments TMS320VC5416 Datasheet HTML 7Page - Texas Instruments TMS320VC5416 Datasheet HTML 8Page - Texas Instruments TMS320VC5416 Datasheet HTML 9Page - Texas Instruments TMS320VC5416 Datasheet HTML 10Page - Texas Instruments TMS320VC5416 Datasheet HTML 11Page - Texas Instruments TMS320VC5416 Datasheet HTML 12Page - Texas Instruments TMS320VC5416 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
1
TMS320VC5416 Features
TMS320VC5416
Fixed-Point Digital Signal Processor
www.ti.com
SPRS095P – MARCH 1999 – REVISED OCTOBER 2008
Reads
• Advanced Multibus Architecture With Three
Separate 16-Bit Data Memory Buses and One
• Arithmetic Instructions With Parallel Store and
Program Memory Bus
Parallel Load
• 40-Bit Arithmetic Logic Unit (ALU) Including a
• Conditional Store Instructions
40-Bit Barrel Shifter and Two Independent
• Fast Return From Interrupt
40-Bit Accumulators
• On-Chip Peripherals
• 17- × 17-Bit Parallel Multiplier Coupled to a
–
Software-Programmable Wait-State
40-Bit Dedicated Adder for Non-Pipelined
Generator and Programmable
Single-Cycle Multiply/Accumulate (MAC)
Bank-Switching
Operation
–
On-Chip Programmable Phase-Locked
• Compare, Select, and Store Unit (CSSU) for the
Loop (PLL) Clock Generator With External
Add/Compare Selection of the Viterbi Operator
Clock Source
–
One 16-Bit Timer
• Exponent Encoder to Compute an Exponent
–
Six-Channel Direct Memory Access (DMA)
Value of a 40-Bit Accumulator Value in a
Controller
Single Cycle
–
Three Multichannel Buffered Serial Ports
• Two Address Generators With Eight Auxiliary
(McBSPs)
Registers and Two Auxiliary Register
–
8/16-Bit Enhanced Parallel Host-Port
Arithmetic Units (ARAUs)
Interface (HPI8/16)
• Data Bus With a Bus Holder Feature
• Power Consumption Control With IDLE1,
• Extended Addressing Mode for 8M × 16-Bit
IDLE2, and IDLE3 Instructions With
Maximum Addressable External Program
Power-Down Modes
Space
• CLKOUT Off Control to Disable CLKOUT
• 128K × 16-Bit On-Chip RAM Composed of:
• On-Chip Scan-Based Emulation Logic, IEEE
–
Eight Blocks of 8K
× 16-Bit On-Chip
Std 1149.1 (JTAG) Boundary Scan Logic(1)
Dual-Access Program/Data RAM
• 144-Pin Ball Grid Array (BGA)(GGU Suffix)
–
Eight Blocks of 8K
× 16-Bit On-Chip
Single-Access Program RAM
• 144-Pin Low-Profile Quad Flatpack
(LQFP)(PGE Suffix)
• 16K × 16-Bit On-Chip ROM Configured for
Program Memory
• 6.25-ns Single-Cycle Fixed-Point Instruction
Execution Time (160 MIPS)
• Enhanced External Parallel Interface (XIO2)
• 8.33-ns Single-Cycle Fixed-Point Instruction
• Single-Instruction-Repeat and Block-Repeat
Execution Time (120 MIPS)
Operations for Program Code
• 3.3-V I/O Supply Voltage (160 and 120 MIPS)
• Block-Memory-Move Instructions for Better
Program and Data Management
• 1.6-V Core Supply Voltage (160 MIPS)
• Instructions With a 32-Bit Long Word Operand
• 1.5-V Core Supply Voltage (120 MIPS)
(1)
IEEE Standard 1149.1-1990 Standard-Test-Access Port and
• Instructions With Two- or Three-Operand
Boundary Scan Architecture
TMS320C54x, TMS320 are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com