Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S41 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST1S41
Description  850 kHz switching frequency
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S41 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST1S41 Datasheet HTML 5Page - STMicroelectronics ST1S41 Datasheet HTML 6Page - STMicroelectronics ST1S41 Datasheet HTML 7Page - STMicroelectronics ST1S41 Datasheet HTML 8Page - STMicroelectronics ST1S41 Datasheet HTML 9Page - STMicroelectronics ST1S41 Datasheet HTML 10Page - STMicroelectronics ST1S41 Datasheet HTML 11Page - STMicroelectronics ST1S41 Datasheet HTML 12Page - STMicroelectronics ST1S41 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DocID023654 Rev 2
9/27
ST1S41
Functional description
Figure 4. Block diagram of the loop for the small signal analysis
Three main terms can be identified to obtain the loop transfer function:
1.
from control (output of E/A) to output, GCO(s);
2.
from output (Vout) to FB pin, GDIV(s);
3.
from FB pin to control (output of E/A), GEA(s).
The transfer function from control to output GCO(s) results:
Equation 1
where RLOAD represents the load resistance, Ri the equivalent sensing resistor of the
current sense circuitry,
ω p the single pole introduced by the LC filter and ω z the zero given
by the ESR of the output capacitor.
FH(s) accounts for the sampling effect performed by the PWM comparator on the output of
the error amplifier that introduces a double pole at one half of the switching frequency.
Equation 2
L
Cout
Current sense
Logic
and
Driver
Slope
Compensation
PWM comparator
Error Amp
Rc
Cc
R1
R2
0.8V
High side
Switch
Low side
Switch
G CO(s )
G DIV(s )
G EA(s )
VIN
VC
VOUT
VFB
AM15061v1
G
CO s
()
R
LOAD
R
i
------------------
1
1
R
out
T
SW
L
------------------------------
m
C
1D
() 0.5
[]
+
-----------------------------------------------------------------------------------------------------
1
s
ω
z
-------
+
⎝⎠
⎛⎞
1
s
ω
p
-------
+
⎝⎠
⎛⎞
----------------------
F
H s
()
⋅⋅
=
ω
Z
1
ESR
C
OUT
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com