Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S41 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST1S41
Description  850 kHz switching frequency
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S41 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST1S41 Datasheet HTML 14Page - STMicroelectronics ST1S41 Datasheet HTML 15Page - STMicroelectronics ST1S41 Datasheet HTML 16Page - STMicroelectronics ST1S41 Datasheet HTML 17Page - STMicroelectronics ST1S41 Datasheet HTML 18Page - STMicroelectronics ST1S41 Datasheet HTML 19Page - STMicroelectronics ST1S41 Datasheet HTML 20Page - STMicroelectronics ST1S41 Datasheet HTML 21Page - STMicroelectronics ST1S41 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Application information
ST1S41
18/27
DocID023654 Rev 2
6.4
Thermal dissipation
The thermal design is important to prevent the thermal shutdown of the device if junction
temperature goes above 150 °C. The three different sources of losses within the device are:
a)
conduction losses due to the on-resistance of the high-side switch (RHS) and low-
side switch (RLS); these are equal to:
Equation 23
where D is the duty cycle of the application. Note that the duty cycle is theoretically given by
the ratio between VOUT and VIN, but actually it is slightly higher to compensate the losses of
the regulator.
b)
switching losses due to high-side power MOSFET turn-on and off; these can be
calculated as:
Equation 24
where TRISE and TFALL are the overlap times of the voltage across the high-side power
switch (VDS) and the current flowing into it during turn-on and turn-off phases, as shown in
Figure 7. TSW is the equivalent switching time. For this device the typical value for the
equivalent switching time is 20 ns.
c)
Quiescent current losses, calculated as:
Equation 25
where IQ is the quiescent current (IQ=2.5 mA maximum).
The junction temperature TJ can be calculated as:
PANASONIC
ECJ
10 to 22
6.3
< 5
EEFCD
10 to 68
6.3
15 to 55
SANYO
TPA/B/C
100 to 470
4 to 16
40 to 80
TDK
C3225
22 to 100
6.3
< 5
Table 8. Output capacitors (continued)
Manufacturer
Series
Cap value (
μF)
Rated voltage (V)
ESR (m
Ω)
P
COND
R
HS
I
OUT
2
DR
LS
I
OUT
2
1D
()
⋅⋅
+
⋅⋅
=
P
SW
V
IN
I
OUT
T
RISE
T
FALL
+
()
2
-------------------------------------------
Fsw
⋅⋅
V
IN
I
OUT
T
SW
F
SW
⋅⋅
==
P
Q
V
IN
I
Q
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com