Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S41 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST1S41
Description  850 kHz switching frequency
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S41 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST1S41 Datasheet HTML 9Page - STMicroelectronics ST1S41 Datasheet HTML 10Page - STMicroelectronics ST1S41 Datasheet HTML 11Page - STMicroelectronics ST1S41 Datasheet HTML 12Page - STMicroelectronics ST1S41 Datasheet HTML 13Page - STMicroelectronics ST1S41 Datasheet HTML 14Page - STMicroelectronics ST1S41 Datasheet HTML 15Page - STMicroelectronics ST1S41 Datasheet HTML 16Page - STMicroelectronics ST1S41 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DocID023654 Rev 2
13/27
ST1S41
Functional description
Figure 6. Module and phase bode plot
5.3
Overcurrent protection
The ST1S41 implements the pulse-by-pulse overcurrent protection. The peak current is
sensed through the high-side power MOSFET and when it exceeds the first overcurrent
threshold (OCP1) the high-side is immediately turned off and the low-side conducts the
inductor current for the rest of the clock period and the following high-side cycle is disabled.
This implements a division by two of the switching frequency in case of overload to keep the
output current limited below the current limit value.
During overload condition, since the duty cycle is not set by the control loop but is limited by
the overcurrent threshold, the output voltage drops out of regulation. If the feedback falls
below 0.3 V, the switching frequency is reduced to one fourth and the current limit threshold
is folded back to around 2 A. Thanks to the current and frequency foldback the stress on the
device and on the external power components is reduced in case of severe overload or
dead-short to ground of the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com