Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S41 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST1S41
Description  850 kHz switching frequency
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S41 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST1S41 Datasheet HTML 12Page - STMicroelectronics ST1S41 Datasheet HTML 13Page - STMicroelectronics ST1S41 Datasheet HTML 14Page - STMicroelectronics ST1S41 Datasheet HTML 15Page - STMicroelectronics ST1S41 Datasheet HTML 16Page - STMicroelectronics ST1S41 Datasheet HTML 17Page - STMicroelectronics ST1S41 Datasheet HTML 18Page - STMicroelectronics ST1S41 Datasheet HTML 19Page - STMicroelectronics ST1S41 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Application information
ST1S41
16/27
DocID023654 Rev 2
Typically, CIN is dimensioned to keep the maximum peak-to-peak voltage ripple in the order
of 1% of VINMAX.
In Table 6 some multi-layer ceramic capacitors suitable for this device are reported.
A ceramic bypass capacitor, as close as possible to the VINA pin, so that additional parasitic
ESR and ESL are minimized, is suggested in order to prevent instability on the output
voltage due to noise. The value of the bypass capacitor can go from 330 nF to 1 uF.
6.2
Inductor selection
The inductance value fixes the current ripple flowing through the output capacitor. So the
minimum inductance value to have the expected current ripple must be selected. The rule to
fix the current ripple value is to have a ripple at 20%-40% of the output current.
In continuous current mode (CCM), the inductance value can be calculated by the following
equation:
Equation 19
where TON is the conduction time of the high-side switch and TOFF is the conduction time of
the low-side switch (in CCM, FSW=1/(TON + TOFF)). The maximum current ripple, given the
Vout, is obtained at maximum TOFF, that is at minimum duty cycle (see previous section to
calculate minimum duty). So, fixing
ΔIL=20% to 30% of the maximum output current, the
minimum inductance value can be calculated as:
Equation 20
where FSWMIN is the minimum switching frequency, according to Table 4.
The peak current through the inductor is given by:
Equation 21
Table 6. Input MLCC capacitors
Manufacturer
Series
Cap value (
μF)
Rated voltage (V)
Murata
GRM31
10
25
GRM55
10
25
TDK
C3225
10
25
ΔI
L
V
IN
V
OUT
L
------------------------------
T
ON
V
OUT
L
--------------
T
OFF
==
L
MIN
V
OUT
ΔI
MAX
----------------
1D
MIN
F
SWMIN
-----------------------
=
I
LPK
,
I
O
ΔI
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com