Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S41 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST1S41
Description  850 kHz switching frequency
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S41 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST1S41 Datasheet HTML 11Page - STMicroelectronics ST1S41 Datasheet HTML 12Page - STMicroelectronics ST1S41 Datasheet HTML 13Page - STMicroelectronics ST1S41 Datasheet HTML 14Page - STMicroelectronics ST1S41 Datasheet HTML 15Page - STMicroelectronics ST1S41 Datasheet HTML 16Page - STMicroelectronics ST1S41 Datasheet HTML 17Page - STMicroelectronics ST1S41 Datasheet HTML 18Page - STMicroelectronics ST1S41 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
DocID023654 Rev 2
15/27
ST1S41
Application information
6
Application information
6.1
Input capacitor selection
The capacitor connected to the input must be capable of supporting the maximum input
operating voltage and the maximum RMS input current required by the device. The input
capacitor is subject to a pulsed current, the RMS value of which is dissipated over its ESR,
affecting the overall system efficiency.
So the input capacitor must have an RMS current rating higher than the maximum RMS
input current and an ESR value compliant with the expected efficiency.
The maximum RMS input current flowing through the capacitor can be calculated as:
Equation 15
where Io is the maximum DC output current, D is the duty cycle,
η is the efficiency.
Considering
η=1, this function has a maximum at D=0.5 and is equal to Io/2.
The peak-to-peak voltage across the input capacitor can be calculated as:
Equation 16
where ESR is the equivalent series resistance of the capacitor.
Given the physical dimension, ceramic capacitors can meet well the requirements of the
input filter sustaining a higher input RMS current than electrolytic / tantalum types. In this
case the equation of CIN as a function of the target peak-to-peak voltage ripple (VPP) can be
written as follows:
Equation 17
neglecting the small ESR of ceramic capacitors.
Considering
η=1, this function has its maximum in D=0.5, therefore, given the maximum
peak-to-peak input voltage (VPP_MAX), the minimum input capacitor (CIN_MIN) value is:
Equation 18
I
RMS
I
O
D
2D
2
⋅
η
-----------------
–
D
2
η
2
-------
+
⋅
=
V
PP
I
O
C
IN
F
SW
⋅
----------------------------
1
D
η
----
–
⎝⎠
⎛⎞
D
D
η
----
1D
–
()
⋅
+
⋅
ESR
I
O
⋅
+
⋅
=
C
IN
I
O
V
PP
F
SW
⋅
-----------------------------
1
D
η
----
–
⎝⎠
⎛⎞
D
D
η
----
1D
–
()
⋅
+
⋅
⋅
=
C
IN_MIN
I
O
2V
PP_MAX
F
SW
⋅⋅
-----------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com