Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S41 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST1S41
Description  850 kHz switching frequency
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S41 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST1S41 Datasheet HTML 17Page - STMicroelectronics ST1S41 Datasheet HTML 18Page - STMicroelectronics ST1S41 Datasheet HTML 19Page - STMicroelectronics ST1S41 Datasheet HTML 20Page - STMicroelectronics ST1S41 Datasheet HTML 21Page - STMicroelectronics ST1S41 Datasheet HTML 22Page - STMicroelectronics ST1S41 Datasheet HTML 23Page - STMicroelectronics ST1S41 Datasheet HTML 24Page - STMicroelectronics ST1S41 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DocID023654 Rev 2
21/27
ST1S41
Typical characteristics
7
Typical characteristics
Figure 9. Efficiency vs. IOUT@Vin=5 V
Figure 10. Efficiency vs. IOUT@Vin=12 V
Figure 11. Start at full load 4 A
Figure 12. Efficiency vs. IOUT@ different Vo
values
40
50
60
70
80
90
100
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
Iout [A]
Vin=5V
Vo=3.3V
Vo=1.8V
Vo=1.2V
AM15066v1
40
50
60
70
80
90
100
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
Iout [A]
Vin=12V
Vo=5V
Vo=3.3V
AM15067v1
Vout
IL
4A/div
200mV/div
200us/div
AM15068v1
40
45
50
55
60
65
70
75
80
85
90
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
Iout [A]
Vin=12V
Vo=1.8V
Vo=1.2V
AM15069v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com