Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S41 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST1S41
Description  850 kHz switching frequency
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S41 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST1S41 Datasheet HTML 7Page - STMicroelectronics ST1S41 Datasheet HTML 8Page - STMicroelectronics ST1S41 Datasheet HTML 9Page - STMicroelectronics ST1S41 Datasheet HTML 10Page - STMicroelectronics ST1S41 Datasheet HTML 11Page - STMicroelectronics ST1S41 Datasheet HTML 12Page - STMicroelectronics ST1S41 Datasheet HTML 13Page - STMicroelectronics ST1S41 Datasheet HTML 14Page - STMicroelectronics ST1S41 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID023654 Rev 2
11/27
ST1S41
Functional description
The transfer function from FB to Vc (output of E/A) introduces the singularities (poles and
zeroes) to stabilize the loop. Figure 5 shows the small signal model of the error amplifier
with the internal compensation network.
Figure 5. Small signal model for the error amplifier
RC and CC introduce a pole and a zero in the open loop gain. CP does not significantly affect
system stability and can be neglected.
So GEA(s) results:
Equation 9
where GEA= Gm · Ro.
The poles of this transfer function are (if Cc >> C0+CP):
Equation 10
Equation 11
whereas the zero is defined as:
Equation 12
The embedded compensation network is RC=70 kΩ, CC=195 pF while CP and CO can be
considered as negligible. The error amplifier output resistance is 240 M
Ω so the relevant
singularities are:
Equation 13
Co
Ro
Cc
Rc
Cp
Gm*Vd
VFB
VREF
Vd
AM15062v1
G
EA s
()
G
EA0
1s
+
R
c
C
c
⋅⋅
()
s
2
R
0
C
0
C
p
+
() R
c
C
c
sR
0
C
c
R
0
C
0
C
p
+
() R
c
C
c
+
+
() 1
+
+
⋅⋅
---------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
f
P LF
1
2
π R
0
C
c
⋅⋅
------------------------------------------
=
f
P HF
1
2
π R
c
C
0
C
p
+
()
⋅⋅
------------------------------------------------------------
=
f
Z
1
2
π R
c
C
c
⋅⋅
------------------------------------------
=
f
Z
11.6 kHz
f
PLF
3.4 Hz
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com