Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S41 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST1S41
Description  850 kHz switching frequency
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S41 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST1S41 Datasheet HTML 13Page - STMicroelectronics ST1S41 Datasheet HTML 14Page - STMicroelectronics ST1S41 Datasheet HTML 15Page - STMicroelectronics ST1S41 Datasheet HTML 16Page - STMicroelectronics ST1S41 Datasheet HTML 17Page - STMicroelectronics ST1S41 Datasheet HTML 18Page - STMicroelectronics ST1S41 Datasheet HTML 19Page - STMicroelectronics ST1S41 Datasheet HTML 20Page - STMicroelectronics ST1S41 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
DocID023654 Rev 2
17/27
ST1S41
Application information
So, if the inductor value decreases, the peak current (that must be lower than the current
limit of the device) increases. The higher the inductor value, the higher the average output
current that can be delivered, without reaching the current limit.
In Table 7 some inductor part numbers are listed.
6.3
Output capacitor selection
The current in the output capacitor has a triangular waveform which generates a voltage
ripple across it. This ripple is due to the capacitive component (charge or discharge of the
output capacitor) and the resistive component (due to the voltage drop across its ESR). So
the output capacitor must be selected in order to have a voltage ripple compliant with the
application requirements.
The amount of the voltage ripple can be calculated starting from the current ripple obtained
by the inductor selection.
Equation 22
For the ceramic capacitor (MLCC) the capacitive component of the ripple dominates the
resistive one. While for the electrolythic capacitor the opposite is true.
Since the compensation network is internal, the output capacitor should be selected in order
to have a proper phase margin and then a stable control loop.
The equations of Section 5.2 help to check loop stability given the application conditions,
the value of the inductor, and of the output capacitor.
In Table 8 some capacitor series are listed.
Table 7. Inductors
Manufacturer
Series
Inductor value (
μH)
Saturation current (A)
Coilcraft
XAL5030/6030
2.2 to 4.7
6.7 to 15.5
MSS1048
2.2 to 6.8
4.14 to 6.62
MSS1260
10
5.5
Wurth
WE-HC/HCA
3.3 to 4.7
7 to 11
WE-TPC typ XLH
3.6 to 6.2
4.5 to 6.4
WE-PD type L
10
5.6
TDK
RLF7030T
2.2 to 4.7
4 to 6
Table 8. Output capacitors
Manufacturer
Series
Cap value (
μF)
Rated voltage (V)
ESR (m
Ω)
MURATA
GRM32
22 to 100
6.3 to 25
< 5
GRM31
10 to 47
6.3 to 25
< 5
ΔV
OUT
ESR
ΔI
MAX
ΔI
MAX
8C
OUT
f
SW
⋅⋅
------------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com