Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751C Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 7Page - STMicroelectronics L6751C Datasheet HTML 8Page - STMicroelectronics L6751C Datasheet HTML 9Page - STMicroelectronics L6751C Datasheet HTML 10Page - STMicroelectronics L6751C Datasheet HTML 11Page - STMicroelectronics L6751C Datasheet HTML 12Page - STMicroelectronics L6751C Datasheet HTML 13Page - STMicroelectronics L6751C Datasheet HTML 14Page - STMicroelectronics L6751C Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
DocID025037 Rev 1
11/57
L6751C
Pin description and connection diagrams
57
A14
SCSP
A
Single-phase section current senses positive input.
Connect through an R-C filter to the phase-side of the channel 1 inductor.
B13
SCSN
A
Single-phase section current senses negative input.
Connect through an Rg resistor to the output-side of the channel inductor.
Filter the output-side of Rg with 100 nF (typ.) to GND.
A15
SIMON
A
Current monitor output.
A current proportional to the single-phase current is sourced from this pin.
Connect through a resistor RSIMON to GND.
When the pin voltage reaches 1.55 V, overcurrent protection is set and the IC
latches. Filtering through CSIMON to GND allows the delay for OC intervention
to be controlled.
B14
DPM4-6
A
Connect a resistor divider to GND/VCC5 in order to define the DPM and GDC
strategies. See Table 11 on page 24 and Table 12 on page 26 for details.
A16
SRGND
A
Remote buffer ground sense.
Connect to the negative side of the single-phase load to perform remote
sense.
B15
DPM1-3
A
Connect a resistor divider to GND/VCC5 in order to define the DPM and GDC
strategies. See Table 11 on page 24 and Table 12 on page 26 for details.
A17
SFBR
A
Remote buffer positive sense.
Connect to the positive side of the single-phase load to perform remote sense.
B16
SVSEN
A
Remote buffer output.
Output voltage monitor, manages OV and UV protection.
Connect with a resistor RSFB // (RSI - CSI) to SFB.
A18
SFB
A
Error amplifier inverting input.
Connect with a resistor RSFB // (RSI - CSI) to SVSEN and with an (RSF - CSF)//
CSH to SCOMP.
D3
SCOMP
A
Error amplifier output.
Connect with an (RSF - CSF)// CSH to SFB. The device cannot be disabled by
pulling low this pin.
A19
IMAX /
SIMAX
A
Connect a resistor divider to GND/VCC5 in order to define the IMAX and
SIMAX registers. See Table 8 on page 21 and Table 6 on page 20 for details.
Table 2. Pin description (continued)
Pin no.
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com