Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751C Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 38Page - STMicroelectronics L6751C Datasheet HTML 39Page - STMicroelectronics L6751C Datasheet HTML 40Page - STMicroelectronics L6751C Datasheet HTML 41Page - STMicroelectronics L6751C Datasheet HTML 42Page - STMicroelectronics L6751C Datasheet HTML 43Page - STMicroelectronics L6751C Datasheet HTML 44Page - STMicroelectronics L6751C Datasheet HTML 45Page - STMicroelectronics L6751C Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
Efficiency optimization
L6751C
42/57
DocID025037 Rev 1
9.2
Variable frequency diode emulation (VFDE)
As the current required by the load is reduced, the L6751C progressively reduces the
number of switching phases according to DPM settings on the multi-phase section. If single-
phase operation is configured, when the delivered current approaches the CCM/DCM
boundary, the controller enters VFDE operation. The single-phase section, being a single-
phase, enters VFDE operation always when the delivered current approaches the
CCM/DCM boundary.
In a common single-phase DC-DC converter, the boundary between CCM and DCM is
when the delivered current is perfectly equal to 1/2 of the peak-to-peak ripple into the
inductor (Iout = Ipp/2). Further decreasing the load in this condition maintaining CCM
operation would cause the current into the inductor to reverse, therefore sinking current
from the output for a part of the off-time. This results in a poorly efficient system.
The L6751C device is able (via the CSPx/CSNx pins) to detect the sign of the current across
the inductor (zero cross detection, ZCD), so it is able to recognize when the delivered
current approaches the CCM/DCM boundary. In VFDE operation, the controller fires the
high-side MOSFET for a TON and the low-side MOSFET for a TOFF (the same as when the
controller works in CCM mode) and waits the necessary time until next firing in high
impedance (Hi-Z). The consequence of this behavior is a linear reduction of the “apparent”
switching frequency that, in turn, results in an improvement of the efficiency of the converter
when in very light load conditions.
The “apparent” switching frequency reduction is limited to 30 kHz so as not to enter the
audible range.
9.3
VFDE and DrMOS
To guarantee correct behavior for the DrMOS power stage compliant with Intel specification
rev3, it is recommended to control the DrMOS’ SMOD input through the ENDRV/SENDRV
pins of the L6751C. DrMOS enable must be controlled with the same signal used for the
L6751C EN pin.
Proper Hi-Z level can be programmed by adding proper external resistor divider across
PWM1 and PWM2. See Section 4.2 on page 20 for details about Hi-Z level recognition. See
reference schematic in Figure 1 on page 6.
Figure 12. Output current vs. switching frequency in PSK mode
t
Iout = Ipp/2
t
Iout < Ipp/2
Tsw
Tsw
Tvfde
AM14819v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com