Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751C Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 13Page - STMicroelectronics L6751C Datasheet HTML 14Page - STMicroelectronics L6751C Datasheet HTML 15Page - STMicroelectronics L6751C Datasheet HTML 16Page - STMicroelectronics L6751C Datasheet HTML 17Page - STMicroelectronics L6751C Datasheet HTML 18Page - STMicroelectronics L6751C Datasheet HTML 19Page - STMicroelectronics L6751C Datasheet HTML 20Page - STMicroelectronics L6751C Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
DocID025037 Rev 1
17/57
L6751C
Electrical specifications
57
SDROOP
LL accuracy (SPhase) 0
to full load
ISCSN = 0; RG = 1.3 k
-1.75
1
A
ISCSN = 20 A; RG = 1.3 k
-1
1
A
kIMON
IMON accuracy (MPhase)
IINFOx = 0 A; N = 6; RG = 540 ;
RFB = 1.108 k
00.75
A
Same as above, IINFOx = 20 A-4.5
4.5
A
kSIMON
SIMON accuracy
(SPhase)
ISCSN = 0 A; RG = 1.3 k
00.5
A
ISCSN = 20 A; RG = 1.3 k
-1
1
A
A0
EA DC Gain(1)
100
dB
SR
Slew rate(1)
COMP to SGND = 10 pF
20
V/
s
DVID - Intel
CPU mode
Slew rate fast
Multi-phase section
20
mV/
s
Slew rate slow
5
mV/
s
Slew rate fast
Single-phase section
10
Slew rate slow
2.5
DVID - Intel
DDR mode
Slew rate fast
Multi-phase section
10
mV/
s
Slew rate slow
2.5
mV/
s
DVID - AMD
mode
Slew rate
Both sections
5
mV/
s
IMON ADC
GetReg(15h)
V(IMON) = 0.992 V
CC
Hex
Accuracy
C0
CF
Hex
PWM outputs and ENDRV
PWMx,
SPWM
Output high
I = 1 mA
5
V
Output low
I = -1 mA
0.2
V
IPWM1
Test current
Sourced from pin, EN = 0.
10
A
IPWM2
Test current
0
A
IPWMx, SPWM Test current
Sourced from pin, EN = 0.
-10
A
ENDRV
Voltage low
IENDRV = -4 mA; both sections
0.4
V
Protection (both sections)
OVP
Overvoltage protection
VSEN rising; wrt VID
100
200
mV
UVP
Undervoltage protection
VSEN falling; wrt VID; VID > 500 mV
-525
-375
mV
FBR DISC
FB disconnection
VCS- rising, above VSEN/SVSEN
650
700
750
mV
FBG DISC
FBG disconnection
FBR input wrt VID
950
1000
1050
mV
VR_RDY,
SVR_RDY
Voltage low
ISINK = -4 mA
0.4
V
VOC_TOT
OC threshold, MPhase
VILIM rising, to GND
2.5
V
VSOC_TOT
OC threshold, SPhase
VSIMON rising, to GND
1.55
V
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com