Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751C Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 15Page - STMicroelectronics L6751C Datasheet HTML 16Page - STMicroelectronics L6751C Datasheet HTML 17Page - STMicroelectronics L6751C Datasheet HTML 18Page - STMicroelectronics L6751C Datasheet HTML 19Page - STMicroelectronics L6751C Datasheet HTML 20Page - STMicroelectronics L6751C Datasheet HTML 21Page - STMicroelectronics L6751C Datasheet HTML 22Page - STMicroelectronics L6751C Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
DocID025037 Rev 1
19/57
L6751C
Device configuration and pin-strapping tables
57
4
Device configuration and pin-strapping tables
The L6751C device features a universal serial data bus fully compliant with Intel
VR12/IMVP7 Protocol rev 1.5, document #456098 and AMD SVI specifications, document
#40182. To guarantee proper device and CPU operation, refer to these documents for bus
design, layout guidelines and any additional information required for the bus architecture.
Different platforms may require different pull-up impedance on the SVI bus. Impedance
matching and spacing among SVI bus lines must be followed.
The controller configures itself automatically upon detection of different pin-strappings which
are monitored at the IC power-up. See Table 6, 8, 9, Table 10 on page 23, and Table 11 on
page 24 for details.
4.1
JMode
When enabled, multi-phase acts as if in DDR mode, while single-phase is an independent
regulator with 0.75 V fixed reference (load-line disabled - TM can be used as enable for the
single-phase).
Output voltage higher than the internal reference may be achieved by adding a proper
resistor divider (RA, RB - see Figure 4). To maintain precision in output voltage regulation, it
is recommended to provide both SFBR and SRGND with the same divider.
Equation 1
Figure 4. JMode: voltage positioning
VOUT
0.750
RA RB
+
RB
---------------------
=
0.750V
SFB
SCOMP
SVSEN
SFBR
RF
CF
RFB
To Vout
(Remote Sense)
SRGND
RA
RA
RB
RB
AM14812v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com