Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751C Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 8Page - STMicroelectronics L6751C Datasheet HTML 9Page - STMicroelectronics L6751C Datasheet HTML 10Page - STMicroelectronics L6751C Datasheet HTML 11Page - STMicroelectronics L6751C Datasheet HTML 12Page - STMicroelectronics L6751C Datasheet HTML 13Page - STMicroelectronics L6751C Datasheet HTML 14Page - STMicroelectronics L6751C Datasheet HTML 15Page - STMicroelectronics L6751C Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
Pin description and connection diagrams
L6751C
12/57
DocID025037 Rev 1
B17
GND
A
GND connection. All internal references and logic are referenced to this pin.
Filter to VCC5 with proper MLCC capacitor and connect to the PCB GND
plane.
A20
SMDATA
D
PMBus data.
B18
SMAL#
D
PMBus alert.
A21
SMCLK
D
PMBus clock.
B19
NC
-
Not internally bonded.
A22
ADDR
A
Connect a resistor divider to GND/VCC5 in order to configure the IC operating
mode. See Table 9 on page 22 and Table 6 on page 20 for details.
B20
STM
A
Thermal monitor sensor.
Connect with proper network embedding NTC to the single-phase power
section. The IC senses the power section temperature and uses the
information to define the VR_HOT signal and temperature monitoring.
By programming proper STCOMP gain, the IC also implements load-line and
SIMON thermal compensation for the single-phase section when applicable.
Short to GND if not used. See Section 8 on page 39 for details.
A23
STCOMP
A
Thermal monitor sensor gain.
Connect proper resistor divider between VCC5 and GND to define the gain to
apply to the signal sensed by ST to implement thermal compensation for the
single-phase section. Short to GND to disable temperature compensation.
See Section 8 on page 39 for details.
B21
OSC
A
Oscillator pin.
It allows the programming of the switching frequency FSW for the multi-phase
section. The pin is internally set to 1.02 V, frequency for multi-phase is
programmed according to the resistor connected to GND or VCC with a gain
of 10 Hz/µA. Leaving the pin floating programs a switching frequency of 200
Hz per phase. Effective frequency observable on the load results as being
multiplied by the number of active phases N. See Section 10 on page 44 for
details.
A24
VIN
A
Input voltage monitor.
Connect to input voltage monitor point through a divider RVUP / RVDWN to
perform VIN sense through PMBus (RUP = 118.5 RDOWN = 10 k typ.).
B22
NC
-
Not internally bonded.
A25
EN
D
Level sensitive enable pin (3.3 V compatible).
Pull low to disable the device, pull up above the turn-on threshold to enable
the controller.
B23
SVCLK
SVC
D
Serial clock.
A26
ALERT#
V_FIX
D
Alert (Intel mode).
V_FIX (AMD mode). Pull to 3.3 V to enter V_FIX mode.
Table 2. Pin description (continued)
Pin no.
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com