Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6751C Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6751C
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751C Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6751C Datasheet HTML 16Page - STMicroelectronics L6751C Datasheet HTML 17Page - STMicroelectronics L6751C Datasheet HTML 18Page - STMicroelectronics L6751C Datasheet HTML 19Page - STMicroelectronics L6751C Datasheet HTML 20Page - STMicroelectronics L6751C Datasheet HTML 21Page - STMicroelectronics L6751C Datasheet HTML 22Page - STMicroelectronics L6751C Datasheet HTML 23Page - STMicroelectronics L6751C Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Device configuration and pin-strapping tables
L6751C
20/57
DocID025037 Rev 1
4.2
Programming Hi-Z level
The L6751C is able to manage different levels for Hi-Z on PWMx guaranteeing flexibility in
driving different external drivers as well as DrMOS ICs.
After EN assertion and before soft-start, the device uses PWM1 and PWM2 to detect the
driver/DrMOS connected in order to program the suitable Hi-Z level of PWMx signals. During
regulation, the Hi-Z level is used to force the external MOSFETs in high impedance state.
–
PWM1 sources a constant 10
A current, if its voltage results higher than 2.8 V,
Hi-Z
level used during the regulation is 1.4 V, if lower, PWM2 information is used.
–
PWM2 is kept in Hi-Z, if its voltage results higher than 2 V, Hi-Z level used during
the regulation is 2 V, if lower, 1.6 V.
An external resistor divider can be placed on PWM1 and PWM2 to force the detection of the
correct Hi-Z level. They must be designed considering the external driver/DrMOS selected
and the Hi-Z level requested.
Table 6. Device configuration
SVI address
DROOP (see Table 8)
IMAX / SIMAX
BOOT / TMAX
DPM
VR12
0000b
Enabled.
See Table 8
SeeTable 10
Supported
VR12(1) ()
0010b
0100b
MPhase: as per Table 9.
SPhase: disabled
AMD
n/a
MPhase: enabled. SPhase:
as per Table 9.
Ignored
TMAX(2)
supported
1. In DDR mode, single-phase reference is multi-phase VOUT/2 (JMode disabled).
2. Refer to Table 10 and choose any of the resistor combinations leading to the desired TNMAX. Other settings are ignored.
Table 7. Phase number programming
PHASE #
PWM1 to PWM3
PWM4
PWM5
PWM6
3
To driver
1 k
 to VCC5
4
To driver
1 k
 to VCC5
5
To driver
1 k
 to VCC5
6
To driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com