Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6420-CS Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 3Page - Cirrus Logic CS6420-CS Datasheet HTML 4Page - Cirrus Logic CS6420-CS Datasheet HTML 5Page - Cirrus Logic CS6420-CS Datasheet HTML 6Page - Cirrus Logic CS6420-CS Datasheet HTML 7Page - Cirrus Logic CS6420-CS Datasheet HTML 8Page - Cirrus Logic CS6420-CS Datasheet HTML 9Page - Cirrus Logic CS6420-CS Datasheet HTML 10Page - Cirrus Logic CS6420-CS Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
CS6420
DS205PP2
7
AVDD
AGND
API
APO
MB
AO
CLKO
CLKI
STROBE
DATA
DRDY
NI
NO
DGND
DVDD
0.1
µF
1
µF
+
0.1
µF
1
µF
+
0.47
µF
10
µF
22pF
Telephone
Line Out
Telephone
Line In
From
Microprocessor
22pF
+5V Analog
0.022
µF
0.1
µF
+
RST
NC1
NC2
NC3
NC4
1
2
20
18
19
3
3300pF
12.1 k
Ω
13
14
9
10
11
12
20.480 MHz
8
6
5
7
3300 pF
6.04 k
Ω
0.47
µF
3300 pF
12.1 k
Ω
17
4
15
16
ferrite bead
1.5 k
Ω
+5V Analog
10 k
Ω
Figure 2. Typical Connection Diagram (Microphone Preamplifier Enabled)
AVDD
AGND
API
APO
MB
AO
CLKO
CLKI
STROBE
DATA
DRDY
NI
NO
DGND
DVDD
0.1
µF
1
µF
+
0.1
µF
1
µF
+
0.47
µF
10
µF
22pF
Telephone
Line Out
Telephone
Line In
From
Microprocessor
22pF
+5V Analog
0.1
µF
+
RST
NC1
NC2
NC3
NC4
1
2
20
18
19
3
3300pF
12.1 k
Ω
13
14
9
10
11
12
20.480 MHz
8
6
5
7
3300 pF
6.04 k
Ω
0.47
µF
3300 pF
12.1 k
Ω
17
4
15
16
ferrite bead
3300 pF
0.47
µF
near-end
input
6.04 k
Ω
Figure 3. Typical Connection Diagram (Microphone Preamplifier Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com