Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6420-CS Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 25Page - Cirrus Logic CS6420-CS Datasheet HTML 26Page - Cirrus Logic CS6420-CS Datasheet HTML 27Page - Cirrus Logic CS6420-CS Datasheet HTML 28Page - Cirrus Logic CS6420-CS Datasheet HTML 29Page - Cirrus Logic CS6420-CS Datasheet HTML 30Page - Cirrus Logic CS6420-CS Datasheet HTML 31Page - Cirrus Logic CS6420-CS Datasheet HTML 32Page - Cirrus Logic CS6420-CS Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
CS6420
DS205PP2
29
The basic constraint on getting good echo canceller
performance is that the maximum output should
not clip when coupled to the input. For example, if
in a speakerphone, AO provides 1 Vrms to a speak-
er, the reflections reaching the microphone should
present no more than 1 Vrms to the Acoustic ADC.
In fact, it is advisable to allow 6 dB or even 12 dB
of margin, such that in the above example, the sig-
nal present at the Acoustic ADC is 250 mVrms.
After this coupling level is established, the desired
signal gain must be established. To continue from
the previous example, the transmit gain must be ad-
justed to make sure the near-end talker is easy to
hear at the far-end. If the signal from the near-end
talker clips at the ADC, it is not significant to the
echo path because the AEC should not be updating
anyway.
In general, to minimize noise, system gain should
be concentrated before the ADC. However, this is
not practical in all cases, mostly because of the cou-
pling constraint. The CS6420 offers the AGC’d
gains provided by TVol and RVol to help provide
the desired gain.
The CS6420 offers two different programmable
gain sources: TGain/RGain and TVol/RVol. TGain
and RGain switch in different size sampling capac-
itors at the ADC to provide a choice of 0 dB, 6 dB,
9.5 dB, and 12 dB of analog gain. TVol and RVol
introduce digital gain and attenuation in 3 dB steps.
The difference is significant in that the digital gain
will gain up the noise of the ADC as well as the de-
sired signal, whereas the analog gain will not.
Testing Issues
The following tests are suggestions for measuring
echo canceller and half-duplex performance.
ERLE
Echo Return-Loss Enhancement (ERLE) is a mea-
sure of the attenuation that an echo canceller pro-
vides. The number is an expression of the ratio of
the level of signal without the echo canceller com-
pared to the level of signal with the echo canceller.
When measuring ERLE, it is important that any po-
tential acoustic loops be broken; so to measure the
ERLE of the Acoustic Canceller, the NO output
should be disconnected from the rest of the net-
work. This will prevent feedback which could oc-
cur when all of the CS6420’s failsafes are disabled.
The following example outlines the steps necessary
to measure the ERLE of the acoustic echo cancel-
ler.
It is important to choose a good test signal for the
tests to be valid. As mentioned in the Adaptive Fil-
ter section, the CS6420 does not work optimally
with white noise. The best signal to use would be a
repeatable speech signal, like a recording of some-
one counting or saying “ah.”
Use the Microcontroller Interface to disable trans-
mit and receive suppression as well as half-duplex.
Allocate all the taps to the Acoustic Canceller in or-
der to allow full-duplex without the Network Can-
celler being trained. The gains should be set
appropriate for good system performance.
The first measurement is a baseline figure of per-
formance with no echo canceller. Use the Micro-
controller Interface to clear the acoustic canceller
coefficients. Inject the test signal at NI and measure
the rms voltage at NO. This measurement gives the
baseline coupling level (denominator).
Use the Microcontroller Interface to set the acous-
tic canceller coefficients to normal which will al-
low the adaptive filter to adapt. Inject the test signal
at NI and allow a few seconds for the filter to adapt.
Measure the rms voltage at NO. This measurement
gives the cancelled echo level (numerator).
Convert both voltages to decibels and subtract the
echo cancelled level from the baseline level to cal-
culate the ERLE. At the factory, with known good
components, we typically see 30 dB of ERLE with
speech.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com