Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6420-CS Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 44Page - Cirrus Logic CS6420-CS Datasheet HTML 45Page - Cirrus Logic CS6420-CS Datasheet HTML 46Page - Cirrus Logic CS6420-CS Datasheet HTML 47Page - Cirrus Logic CS6420-CS Datasheet HTML 48Page - Cirrus Logic CS6420-CS Datasheet HTML 49Page - Cirrus Logic CS6420-CS Datasheet HTML 50Page - Cirrus Logic CS6420-CS Datasheet HTML 51Page - Cirrus Logic CS6420-CS Datasheet HTML 52Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
CDB6420
48
DS205DB1
AFNse - Acoustic Full-duplex Noise threshold
zero:
use AErle as sole criterion to transition to full-
duplex.
-42 dB:
echo path may not exist, so go to full-duplex
when noise level is below -42 dB (easy) and in-
ternal determination of path/no path is complete
-54 dB:
echo path may not exist, so go to full-duplex
when noise level is below -54 dB (hard) and in-
ternal determination of path/no path is complete
PCSen - Path-Change Sensitivity
high:
more sensitive to near end path changes (on rare
occasions may briefly drop into half-duplex
during doubletalk)
low:
less sensitive to path changes and more robust
to doubletalk
GB - Graded Beta
0.00 dB/ms: use to disable beta grading
0.75 dB/ms: use for acoustically dead rooms (e.g. inside a
car)
0.38 dB/ms: use for "typical" rooms
0.19 dB/ms: use for very acoustically live rooms (e.g. glass
or tile walls, no carpet, etc.)
Taps - allocation of filter Taps
55.5ms/---:
allocate all taps to Acoustic canceller (disables
Network canceller)
47.5ms/16ms:use for short Network path echo durations or
for longer Acoustic path
38.5ms/24ms:use for typical Network path echo durations
31.5ms/32ms:use for long Network path echo durations (note
that Acoustic performance may suffer)
TSD - Transmit Suppression Disable
checked:
disable transmit suppression
unchecked
enable transmit suppression
TSThd - Transmit Suppression Threshold
15 dB:
need 15 dB ERLE at acoustic canceller to dis-
criminate between speech and echo
12 dB:
less sensitive to near end speech (more prone to
suppressing near-end speech)
9 dB:
least sensitive to near end speech (most prone to
suppressing near-end speech)
TSAtt - Transmit Suppression Attenuation level
18 dB:
default
12 dB:
use if noise modulation caused by suppression
is annoying and residual echo is not perceptible
24 dB:
use if residual echo after suppression is percep-
tible
TSBias - Transmit Suppression Bias
18 dB:
default
15 dB:
harder for near end to break in. See CS6420
datasheet for details
21 dB:
easier for near end to break in. See CS6420
datasheet for details
TGain - Transmit ADC analog Gain
0 dB, 6 dB, 9.5 dB, 12 dB:
set gain of the ADC at API/APO
Mic - Microphone preamplifier select
API:
ADC input is taken from API/MICIN through
34 dB amplifier (HDR1 on board must be set to
PREAMP ON)
APO:
ADC input is taken from APO/APO_IN (HDR1
on board must be set to PREAMP OFF)
Reset Button
Cold Reset, Default:
cold reset to default register values
Warm Reset, Default:
warm reset to default register values
Cold Reset, Current:
cold reset to register values indicated by con-
trols
Warm Reset, Current:
warm reset to register values indicated by con-
trols
Power Down:
hold CS6420 RST low to force low power
mode
Power Up, Cold Reset, Current:
bring CS6420 RST high; restore register values
indicated by controls
Power Up, Warm Reset, Current:
bring CS6420 RST high; warm reset and re-
store register values indicated by controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com