Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6420-CS Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 39Page - Cirrus Logic CS6420-CS Datasheet HTML 40Page - Cirrus Logic CS6420-CS Datasheet HTML 41Page - Cirrus Logic CS6420-CS Datasheet HTML 42Page - Cirrus Logic CS6420-CS Datasheet HTML 43Page - Cirrus Logic CS6420-CS Datasheet HTML 44Page - Cirrus Logic CS6420-CS Datasheet HTML 45Page - Cirrus Logic CS6420-CS Datasheet HTML 46Page - Cirrus Logic CS6420-CS Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
CDB6420
DS205DB1
43
using APO_IN as an input. This connects the sig-
nal path appropriately. The control bit in the soft-
ware (Mic) must be set to APO as well. When
using MICIN as the acoustic side input source,
HDR1 must be in the PREAMP ON (3-4) position,
and the Mic bit in the software should be set to API.
The test loops labeled API and APO are provided to
allow easy probing of the pins of the same name. The
maximum signal present at APO should be 2.8 Vpp
with TGain (see the Software section) set to 0 dB.
Parallel Port Interface
Figure 6 shows the parallel port interface of the
CDB6420 that connects to a PC’s parallel port. The
74HCT541 buffer serves to protect the CS6420
from any damaging surges. The buffer is socketed
for easy replacement. Four of the parallel port data
lines are used to control the microcontroller interface
pins of the CS6420. The RC network serves to min-
imize the ringing common to HCT devices. Test
loops are provided for easy oscilloscope access.
Figure 5. CS6420 Connection Diagram
Figure 7. Grounds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com