Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6420-CS Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 32Page - Cirrus Logic CS6420-CS Datasheet HTML 33Page - Cirrus Logic CS6420-CS Datasheet HTML 34Page - Cirrus Logic CS6420-CS Datasheet HTML 35Page - Cirrus Logic CS6420-CS Datasheet HTML 36Page - Cirrus Logic CS6420-CS Datasheet HTML 37Page - Cirrus Logic CS6420-CS Datasheet HTML 38Page - Cirrus Logic CS6420-CS Datasheet HTML 39Page - Cirrus Logic CS6420-CS Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
CS6420
36
DS205PP2
Coverage Time
The CS6420 echo canceller has 508 taps and it can sample an analog signal at an 8 kHz rate.
512 x 1/8kHz = 63.5 ms. Sound travels through air at a rate of around 1 ft/ms. Thus the echo
canceller can be used in a room with walls 32 feet away, discounting multiple reflections. But
remember that at this distance, most of the echo has been attenuated due to the physical
separation. The majority of the acoustic coupling comes from the first arrival, or directly from
the speaker to the microphone. The first signal is by far the strongest.
Convergence Time
A high quality echo canceller is continuously modifying its internal model of the echo path
characteristics (See Adaptive Filter). When the model is complete, the echo canceller will be
able to cancel echo to the extent of its rated capabilities. Convergence time is the duration it
takes the echo canceller to train itself, from cleared coefficients, and switch to full-duplex
operation, in the presence of speech.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com