Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6420-CS Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 5Page - Cirrus Logic CS6420-CS Datasheet HTML 6Page - Cirrus Logic CS6420-CS Datasheet HTML 7Page - Cirrus Logic CS6420-CS Datasheet HTML 8Page - Cirrus Logic CS6420-CS Datasheet HTML 9Page - Cirrus Logic CS6420-CS Datasheet HTML 10Page - Cirrus Logic CS6420-CS Datasheet HTML 11Page - Cirrus Logic CS6420-CS Datasheet HTML 12Page - Cirrus Logic CS6420-CS Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
CS6420
DS205PP2
9
and they are post-compensated internally to pre-
vent any resultant passband droop. The ADCs also
expect a maximum of 1 Vrms (2.8 Vpp) at their in-
puts (which are biased around 2.12 VDC). A signal
of higher amplitude will clip the ADC input and
may result in poor echo canceller performance. See
the Design Considerations section for more details.
The outputs are delta-sigma digital to analog con-
verters (DACs) and have similar requirements to
the ADCs. The DACs are pre-compensated to ex-
pect a single-pole RC filter with a corner frequency
at 4 kHz. The full scale voltage output from a DAC
is 1 Vrms (2.8 Vpp) swinging around a DC bias of
2.12 V.
Acoustic Interface
The pins API (pin 20), APO (pin 18), MB (pin 19),
and AO (pin 3) make up the Acoustic Interface. A
block diagram of the Acoustic Interface is shown in
Figure 4.
API and APO are, respectively, the input and out-
put of the built-in analog pre-amplifier. The pre-
amplifier is an inverting amplifier with a fixed gain
of 34 dB biased around an input offset voltage
(Voff) of 2.12 V. APO is the output of the pre-am-
plifier after a 1 k
Ω resistor. The circuitry connected
to the amplifier input must present low source im-
pedance (<100
Ω) to the API pin or the gain will be
reduced. When using the pre-amplifier, connecting
a 0.022
µF capacitor to ground off APO will pro-
vide the anti-aliasing filter required by the ADC, as
shown in Figure 2. The pre-amplifier may be by-
passed by clearing Mic (Register 0, bit 15) using the
Microcontroller Interface (see Microcontroller In-
terface section), grounding API through a capacitor,
and driving APO directly. In this case, the signal into
APO must be low-pass filtered by a single-pole RC
filter with a corner frequency at 8 kHz (see Figure 3).
Following the pre-amplifier is a programmable an-
alog gain stage (PGA) which is controllable
through the Microcontroller Interface. This gain
19 MB
18 APO
20
AO
0,6,9.5,12 dB
ADC
DAC
DAC
ADC
D
S
P
NI
17
NO
4
FAR-END
Transmit Path
Receive Path
API
3.5V
2.12V
1k
Ω
BANDGAP
34 dB
0,6,9.5,12 dB
NEAR-END
3
PGA
PGA
Figure 4. Analog Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com